Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSDM004GD5AN-PT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-PT
Description  SATA-Disk Module 4
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-PT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-PT Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM004GD5AN-PT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-PXXX
8
© 2013 Apacer Technology Inc.
Rev. 1.3
4.4 Environmental Specifications
Environmental specification of SDM4 product family which follows the MIL-STD-202 and our test standard
is indicated in Table 4-3.
Table 4-3 SDM4 environmental specifications
Item
Specification
Operating temperature
0~70(
℃)
Extended temperature
-40 ~ +85(
℃)
Storage temperature
-40~100(
℃)
Vibration (non-operating)
10~2000(Hz), 15(G), sine wave, X, Y, Z axis
Vibration (operating)
20~2000(Hz), 7.69 (Grms), random wave, X, Y, Z axis
Shock (non-operating)
1500(G) half-sine wave,
±X, ±Y, ±Z axis
Shock (operating)
50(G), half sine wave,
±X, ±Y, ±Z axis
4.5 Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual components
in SDM4. The prediction result for SDM4 is more than 2,000,000 hours.
Notes about MTBF:
The prediction is based on Bellcore analysis method by assuming device failure rate can be generated by
the sum of failure rates in each component.
4.6 Certification and Compliance
SDM4 complies with the following standards:
CE
FCC
RoHS
MIL-STD-202 and MIL-STD-810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com