Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK3608M Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # TK3608M
Description  Phase Control Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TK3608M Datasheet(HTML) 3 Page - Dynex Semiconductor

  TK3608M Datasheet HTML 1Page - Dynex Semiconductor TK3608M Datasheet HTML 2Page - Dynex Semiconductor TK3608M Datasheet HTML 3Page - Dynex Semiconductor TK3608M Datasheet HTML 4Page - Dynex Semiconductor TK3608M Datasheet HTML 5Page - Dynex Semiconductor TK3608M Datasheet HTML 6Page - Dynex Semiconductor TK3608M Datasheet HTML 7Page - Dynex Semiconductor TK3608M Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
TK36
www.dynexsemi.com
DYNAMIC CHARACTERISTICS
V
TM
Parameter
Symbol
Conditions
Maximum on-state voltage
At 600A peak, T
case = 25
oC
I
RRM/IDRM
Peak reverse and off-state current
At V
RRM/VDRM, Tcase = 125
oC
Gate source 20V, 20
Ω
t
r ≤ 0.5µs, Tj = 125˚C
dV/dt
Maximum linear rate of rise of off-state voltage
To 60% V
DRM Tj = 125
oC, Gate open circuit
Min.
Max.
Units
-
1.3
V
-25
mA
-
200
V/
µs
Repetitive 50Hz
-
500
A/
µs
Non-repetitive
-
800
A/
µs
Rate of rise of on-state current
dI/dt
V
T(TO)
Threshold voltage
At T
vj = 125
oC
r
T
On-state slope resistance
At T
vj = 125
oC
t
gd
Delay time
I
L
Latching current
T
j = 25
oC, V
D = 12V
I
H
Holding current
T
j = 25
oC, V
D = 12V, ITM = 1A
0.88
-V
-
0.7
m
Ω
-
1.5
µs
V
D = 300V, IG = 1A, IT = 50A, dI/dt = 50A/µs,
dI
G/dt = 1A/µs, Tj = 25
oC
--
mA
-50
mA
GATE TRIGGER CHARACTERISTICS AND RATINGS
V
DRM = 12V,
T
case = 25
oC, R
L = 6Ω
Conditions
Parameter
Symbol
V
GT
Gate trigger voltage
V
DRM = 12V, Tcase = 25
oC, R
L = 6Ω
I
GT
Gate trigger current
V
GD
Gate non-trigger voltage
At V
DRM Tcase = 125
oC, R
L = 1kΩ
V
FGM
Peak forward gate voltage
Anode positive with respect to cathode
V
FGN
Peak forward gate voltage
Anode negative with respect to cathode
V
RGM
Peak reverse gate voltage
I
FGM
Peak forward gate current
Anode positive with respect to cathode
P
GM
Peak gate power
-
P
G(AV)
Mean gate power
-
3.0
V
-
200
mA
-
0.2
V
-30
V
-
0.25
V
-5
V
-4
A
-16
W
-3
W
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com