Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSDM004GD5AN-ACMWC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-ACMWC
Description  SATA-Disk Module 4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-ACMWC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-ACMWC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMWC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMWC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMWC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMWC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMWC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMWC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMWC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMWC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-ACMXX
10
© 2012 Apacer Technology Inc.
Rev. 1.1
5.6 S.M.A.R.T.
S.M.A.R.T. is an acronym for Self-Monitoring, Analysis and Reporting Technology, an open standard
allowing disk drives to automatically monitor their own health and report potential problems. It protects the
user from unscheduled downtime by monitoring and storing critical drive performance and calibration
parameters. Ideally, this should allow taking proactive actions to prevent impending drive failure.
Apacer devices use the standard SMART command B0h to read data out from the drive to activate our
SMART feature that complies with the ATA/ATAPI-7 specifications. Based on the SFF-8035i Rev. 2.0
specifications, Apacer SMART defines vendor-specified SMART Attribute IDs (A0 ~ A5, and 0C). They
represent Initial bad block count, Bad block count, Spare block count, Maximum erase count, Average
erase count and Power cycle. When the Apacer SMART Utility running on the host, it analyzes and
reports the disk status to the host before the device reaches in critical condition.
5.7 TRIM
Made of millions of NAND flash cells, SSD can be written into groups called pages in 4K size generally,
but can only be erased in larger groups called blocks of 128 pages or 512KB. These stipulations are
partially the source of many performance issues. Until an address gets used again, the SSD has to keep
track of every last bit of data that’s written on it. The ATA-TRIM instruction tilts the balance in favor of the
SSD. TRIM addresses a major part of the performance degradation issue over time that plagues all SSDs.
A TRIM enabled drive running an OS with TRIM support will stay closer to its peak performance over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com