Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF166C Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MRF166C
Description  The RF MOSFET Line 20W, 500MHz, 28V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF166C Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF166C Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF166C Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF166C Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF166C Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF166C Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF166C Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF166C Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF166C Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF166C Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
The RF MOSFET Line
20W, 500MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF166C
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Designed primarily for wideband large–signal output and driver from 30–
500MHz.
N–Channel enhancement mode MOSFET
•
MRF166C — Guaranteed performance at 500 MHz, 28 Vdc
Output power = 20 W
Gain = 13.5 dB
Efficiency = 50%
•
Replacement for industry standards such as MRF136, V2820,
BLF244, SD1902, and ST1001
•
100% tested for load mismatch at all phase angles with 30:1 VSWR
•
Facilitates manual gain control, ALC and modulation techniques
•
Excellent thermal stability, ideally suited for Class A operation
•
Low Crss — 4.0 pF @ VDS = 28 V
Product Image
CASE 319–07, STYLE 3


Similar Part No. - MRF166C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF166C MOTOROLA-MRF166C Datasheet
154Kb / 8P
MOSFET BROADBAND RF POWER FETs
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
MOSFET BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C_15 Datasheet
560Kb / 11P
The RF MOSFET Line
More results

Similar Description - MRF166C

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
The RF MOSFET Line 100W, 500MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com