Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS6001 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS6001
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS6001 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS6001 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS6001 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS6001 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS6001 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMS6001
440mA, 60V, RDS(ON) 2
N-Ch Enhancement Mode Power MOSFET
27-Jan-2014 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
* = Date Code
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
The SMS6001 is N-Channel enhancement MOS Field
Effect Transistor. Uses advanced trench technology and
design to provide excellent RDS (ON)with low gate charge.
This device is suitable for use in DC-DC conversion, load
switch and level shift.
MECHANICAL DATA
Trench Technology
Supper high density cell design
Excellent ON resistance
Extremely Low Threshold Voltage
ESD Rating: 2KV HBM
APPLICATION
DC-DC converter circuit
Load Switch
DEVICE MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Rating
Parameter
Symbol
10S
Steady State
Unit
Drain – Source Voltage
VDS
60
V
Gate – Source Voltage
VGS
±20
V
TA= 25°C
0.5
0.44
Continuous Drain Current
1.4
TA= 70°C
ID
0.4
0.35
A
TA= 25°C
0.69
0.53
Power Dissipation
1.4
TA= 70°C
PD
0.44
0.34
W
TA= 25°C
0.47
0.42
Continuous Drain Current
2.4
TA= 70°C
ID
0.38
0.33
A
TA= 25°C
0.6
0.47
Power Dissipation
2.4
TA= 70°C
PD
0.39
0.3
W
Pulsed Drain Current
3
IDM
1
A
Maximum Junction-to-Lead
RθJL
260
°C / W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
SOT-23
W61*
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.09
0.18
B
2.10
2.65
H
0.35
0.65
C
1.20
1.40
J
0.08
0.20
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.95 BSC.
F
0.30
0.50
Pin Configuration (Top View)


Similar Part No. - SMS6001

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS6001 SECOS-SMS6001_15 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SMS6001

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SSD20N06-90D SECOS-SSD20N06-90D Datasheet
401Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com