Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST6601 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SST6601
Description  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST6601 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SST6601 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Elektronische Bauelemente
SST6601
3.4A, 30V, RDS(ON) 55mΩ
Ω
Ω
Ω
-2.3A, -30V, RDS(ON) 115mΩ
Ω
Ω
Ω
N And P-Channel Enhancement Mode Power MOSFET
25-Mar-2014 Rev. A
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
N-Ch
30
-
-
VGS=0, ID=250µA
Drain-Source Breakdown
Voltage
P-Ch
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
N-Ch
0.5
-
1.5
VDS=VGS, ID=250µA
Gate-Threshold Voltage
P-Ch
VGS(th)
-0.6
-
-1.4
V
VDS=VGS, ID= -250µA
N-Ch
-
5
-
VDS=5V, ID=3.4A
Forward Transconductance
P-Ch
gfs
-
5
-
S
VDS= -5V, ID= -2.3A
N-Ch
-
-
±100
VGS= ±12V
Gate-Source Leakage Current
P-Ch
IGSS
-
-
±100
nA
VGS= ±12V
N-Ch
-
-
1
VDS=30V, VGS=0
P-Ch
-
-
-1
VDS= -30 V, VGS=0
N-Ch
-
-
5
VDS=24V, VGS=0
Drain-Source Leakage Current
P-Ch
IDSS
-
-
-5
µA
VDS= -24V, VGS=0
N-Ch
-
-
55
VGS=10V, ID=3.4A
P-Ch
-
-
115
VGS= -10V, ID= -2.3A
N-Ch
-
-
70
VGS=4.5V, ID=2.8A
P-Ch
-
-
150
VGS= -4.5V, ID= -2A
N-Ch
-
-
110
VGS=2.5V, ID=1A
Drain-Source On-Resistance
2
P-Ch
RDS(ON)
-
-
200
m
VGS= -2.5V, ID= -1A
N-Ch
-
4.7
-
Total Gate Charge
2
P-Ch
Qg
-
3.1
-
N-Ch
-
1.58
-
Gate-Source Charge
P-Ch
Qgs
-
1.34
-
N-Ch
-
0.92
-
Gate-Drain (“Miller”) Charge
P-Ch
Qgd
-
0.72
-
nC
N-Channel
VDS=15V, VGS=4.5V, ID=3.4A
P-Channel
VDS= -15V, VGS= -4.5V, ID= -2.3A
N-Ch
-
4
-
Turn-on Delay Time
2
P-Ch
Td(on)
-
13
-
N-Ch
-
2
-
Rise Time
P-Ch
Tr
-
10
-
N-Ch
-
22
-
Turn-off Delay Time
P-Ch
Td(off)
-
28
-
N-Ch
-
3
-
Fall Time
P-Ch
Tf
-
13
-
nS
N-Channel
VDS=15V, RG=6 ,RL=5
VGS=10V
P-Channel
VDS= -15V, RG=6 ,RD=6
VGS= -10V
N-Ch
-
451
-
Input Capacitance
P-Ch
Ciss
-
456
-
N-Ch
-
32
-
Output Capacitance
P-Ch
Coss
-
44
-
N-Ch
-
26
-
Reverse Transfer Capacitance
P-Ch
Crss
-
37
-
pF
N-Channel
VGS=0, VDS=15V, f=1.0MHz
P-Channel
VGS=0, VDS= -15V, f=1.0MHz
N-Ch
-
2
3.5
Gate Resistance
P-Ch
Rg
-
6.2
7.5
f=1.0MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com