Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9333 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9333
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9333 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9333 Datasheet HTML 5Page - STMicroelectronics L9333 Datasheet HTML 6Page - STMicroelectronics L9333 Datasheet HTML 7Page - STMicroelectronics L9333 Datasheet HTML 8Page - STMicroelectronics L9333 Datasheet HTML 9Page - STMicroelectronics L9333 Datasheet HTML 10Page - STMicroelectronics L9333 Datasheet HTML 11Page - STMicroelectronics L9333 Datasheet HTML 12Page - STMicroelectronics L9333 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
L9333
EMC SPECIFICATION
EMS (electromagnetic susceptibility)
Measurement setup:
DUT mounted on a specific application board is driven in a typical application circuit (see below). Two devices
are stimulated by a generator to read and write bus signals. They will be monitored externally to ensure proper
function.
Measurement method:
a)
The two bus lines are transferred 2m under a terminated stripline. That's where they were exposed to the
RF-field. Stripline setup and measurement method is described in DIN 40839-4 or ISO 11452-5.
b)
DUT mounted on the same application board is exposed to RF through the tophole of a TEM-cell. Mea-
surement method according SAE J1752.
c)
The two bus lines are transferred into a BCI current injection probe. Setup and measurement method is
described in ISO 11452-4.
Failure criteria:
Failure monitoring is done by envelope measurement of the logic signals with a LeCroy oscilloscope with ac-
ceptance levels of 20% in amplitude and 2% time.
Limits:
The device is measured within the described setup and limits without fail function.
The Electromagnetic Susceptivity is not tested in production.
a) Field strength under stripline of > 250V/m in the frequency range 1 - 400MHz modulation:AM 1kHz 80%.
b) Field strength in TEM-cell of > 500V/m in the frequency range 1 - 400MHz modulation:
AM 1kHz 80%.
c) RF-currents with BCI of > 100mA in the frequency range 1 - 400MHz modulation:
AM 1kHz 80%.
Measured Circuit
The EMS of the device was verified in the below described setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com