Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7805ACV Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7805ACV
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805ACV Datasheet(HTML) 1 Page - STMicroelectronics

  L7805ACV Datasheet HTML 1Page - STMicroelectronics L7805ACV Datasheet HTML 2Page - STMicroelectronics L7805ACV Datasheet HTML 3Page - STMicroelectronics L7805ACV Datasheet HTML 4Page - STMicroelectronics L7805ACV Datasheet HTML 5Page - STMicroelectronics L7805ACV Datasheet HTML 6Page - STMicroelectronics L7805ACV Datasheet HTML 7Page - STMicroelectronics L7805ACV Datasheet HTML 8Page - STMicroelectronics L7805ACV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
This is information on a product in full production.
March 2014
DocID2143 Rev 32
1/58
L78
Positive voltage regulator ICs
Datasheet
- production data
Features
• Output current up to 1.5 A
• Output voltages of 5; 6; 8; 8.5; 9; 12; 15; 18;
24 V
• Thermal overload protection
• Short circuit protection
• Output transition SOA protection
• 2 % output voltage tolerance (A version)
• Guaranteed in extended temperature range
(A version)
Description
The L78 series of three-terminal positive
regulators is available in TO-220, TO-220FP,
D²PAK and DPAK packages and several fixed
output voltages, making it useful in a wide range
of applications.
These regulators can provide local on-card
regulation, eliminating the distribution problems
associated with single point regulation. Each type
embeds internal current limiting, thermal shut-
down and safe area protection, making it
essentially indestructible. If adequate heat sinking
is provided, they can deliver over 1 A output
current. Although designed primarily as fixed
voltage regulators, these devices can be used
with external components to obtain adjustable
voltage and currents.
TO-220FP
TO-220
D²PAK
DPAK
www.st.com


Similar Part No. - L7805ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
373Kb / 28P
Precision 1A regulators
19-Jan-2007
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
More results

Similar Description - L7805ACV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7808CV-DG STMICROELECTRONICS-L7808CV-DG Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com