Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB40 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FB40
Description  FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FB40 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FB40 Datasheet HTML 1Page - EIC discrete Semiconductors FB40 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FB40 - FB380/C1000G )
FIG.1 - DERATING CURVE
FIG.2 - DERATING CURVE
FOR OUTPUT RECTIFIED CURRENT
FOR OUTPUT RECTIFIED CURRENT
FB40 C1000G - FB125 C1000G
FB250 C1000G - FB380 C1000G
0
20
40
60
80
100
120
140
20
40
60
80
100
120
140
CASE TEMPERATURE, (
°C)
CASE TEMPERATURE, (
°C)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE, VOLTS
Capacitive Load
Resistive or
Inductive load.
1.0
0.6
0.4
1.2
10
10
1.0
0
0.01
1
80
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse Width = 300
µs
1 % Duty Cycle
TJ = 100
°C
TJ = 25
°C
0.8
0.375(9.5mm)
Copper Pads
0.22" x 0.22" (5.5mm x 5.5mm)
PC Board
20
0.2
Capacitive Load
0-10
µF
10-100
µF
>100
µF
1.0
0.6
0.4
1.2
0
0.8
0.2
Resistive or
Inductive load.
Copper Pads
0.22" x 0.22" (5.5mm x 5.5mm)
0.375(9.5mm)
PC Board
0-10
µF
10-100
µF
>100
µF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com