Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6140 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6140
Description  20??0 GHz Output x2 Active Frequency Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6140 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6140 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6140 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6140 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6140 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6140 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6140 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
AMMC-6140 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
I
d
Drain Supply­ Current (under any­ RF power drive and temperature) (V
d= 4.5V)
mA
27
40
V
g
Gate Supply­ Operating Voltage
V
-1.5
-1.2
-1.0
θ
ch-b
Thermal Resistance[2] (Backside Temp. T
b = 25°C)
°C/W
25
Notes:
1. Ambient operational temperature T
A= 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (θ
ch-b) = 26°C/W at Tchannel (Tc) = 34°C as measured using infrared microscopy­. Thermal Resistance at
backside temperature (T
b) = 25°C calculated from measured data.
RF Specifications[3,4,5] (T
A = 25°C, Vd = 4.5 V, Id(Q)= 27 mA, Z0 = 50Ω)
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Sigma
Fin
Input Frequency­
GHz
10 to 20
Fout
Output Frequency­
GHz
20 to 40
Po
Output Power[6]
dBm
-2
-1
0.4
Fo
Fundamental Isolation (referenced to Po): 20–36 GHz
dBc
20
30
5.0
36–40 GHz
dBc
14
16
1.0
3Fo
3rd Harmonic Isolation (referenced to Po)
dBc
25
1.2
P
-1dB
Output Power at 1dB Gain Compression
dBm
+5
RLin
Input Return Loss[6]
dB
-15
RLout
Output Return Loss[6]
dB
-10
SSB
Single Sideband Phase Noise (100 KHz offset)
dBc/Hz
-135
Notes:
3. Small/large signal data measured in wafer form T
A = 25°C.
4. 100% on-wafer RF test is done at Pin = +4 dBm and output frequency­ = 20, 28, 36 and 40 GHz.
5. Specifications are derived from measurements in a 50Ω test environment. Aspects of the multiplier performance may­ be improved over a nar-
rower bandwidth by­ application of additional matching.
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
hh
22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
h
Typical distribution of Pout, 2nd Harmonic and 3rd Harmonic Suppression (Fin=14 GHz).
Based on 2500 parts sampled over several production lots.
2Fo Pout (dBm) @ 28G Hz
Fo Suppression (dBm) @ 14 GHz
3Fo Suppression (dBm) @ 42 GHz
-2
-1
hh



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com