Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMPB1020 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMPB1020
Description  10 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPB1020 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPB1020 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPB1020 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPB1020 ~ SMPB10100
Voltage 20V ~ 100V
10 Amp Schottky Barrier Rectifiers
02-Dec-2013 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Super long operating life
Plastic package has Underwriters Laboratory
Flammability Classification 94
MECHANICAL DATA
Case: TO-277B molded plastic body
Polarity: Color band denotes cathode end
Mounting position: ANY
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277B
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameters
Symbol
SMPB
1020
SMPB
1040
SMPB
1060
SMPB
10100
Unit
Maximum Repetitive peak Reverse Voltage
VRRM
20
40
60
100
V
Maximum RMS Voltage
VRMS
14
28
42
70
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
V
Maximum Average Forward Rectified Current@
TL =90°C
IF(AV)
10
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
IFSM
275
A
Maximum Forward Voltage @ IFM=10A
VF
0.68
0.75
0.85
V
TJ=25°C
0.5
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TJ=100°C
IR
50
30
mA
Thermal Resistance Junction
1
RθJC
7
°C / W
Operating and Storage Temperature Range
TJ ,TSTG
-55~125
-55~150
°C
Note:
1. FR4 Board. Heat sink size: 10*10*0.2mm.
TO-277B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.60
G
0.85
0.95
B
0.90
1.10
H
3.90
4.10
C
5.70
5.90
I
0.25 REF.
D
1.80
1.95
J
1.75
1.85
E
0.75
0.85
K
2.95
3.05
F
3.45
3.60


Similar Part No. - SMPB1020

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPB1020 SECOS-SMPB1020_15 Datasheet
277Kb / 2P
10 Amp Schottky Barrier Rectifiers
More results

Similar Description - SMPB1020

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1002 MICROSEMI-MS1002 Datasheet
131Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR1680 UNIOHM-SR1680 Datasheet
69Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10150C SECOS-SM10150C Datasheet
266Kb / 2P
10 Amp Schottky Barrier Rectifiers
SR10200S SECOS-SR10200S Datasheet
208Kb / 2P
10 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR1020D GWSEMI-SR1020D Datasheet
66Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
SRF10150CT GWSEMI-SRF10150CT Datasheet
70Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10150C SECOS-SM10150C_15 Datasheet
255Kb / 2P
10 Amp Schottky Barrier Rectifiers
SMPB1020 SECOS-SMPB1020_15 Datasheet
277Kb / 2P
10 Amp Schottky Barrier Rectifiers
SR10150S SECOS-SR10150S_15 Datasheet
240Kb / 2P
10 Amp Schottky Barrier Rectifiers
SR10200S SECOS-SR10200S_15 Datasheet
208Kb / 2P
10 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com