Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMPB1045L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMPB1045L
Description  10 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPB1045L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPB1045L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPB1045L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPB1045L
Voltage 45 V
10 Amp Surface Mount Schottky Barrier Rectifiers
03-Dec-2013 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Super long operating life
Low forward voltage
Low forward voltage drop
Plastic package has Underwriters Laboratory
Flammability Classification 94
MECHANICAL DATA
Case: TO-277B molded plastic body
Polarity: Color band denotes cathode end
Mounting position: ANY
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277B
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameters
Symbol
Rating
Units
Maximum Repetitive peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
32
V
Maximum DC Blocking Voltage
VDC
45
V
Maximum Average Forward Rectified Current
IF(AV)
10
A
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load(JEDEC method)
IFSM
275
A
Thermal Resistance Junction to Ambient
1
RθJA
35
°C / W
Thermal Resistance Junction to Case
2
RθJC
7
°C / W
Operating and Storage Temperature Range
TJ ,TSTG
125, -55~150
°C
Note:
1.
To evaluate the maximum conduction losses use the following equation:PF(av) = 0.37X IF(av) + 0.01X I2F(RMS)
2.
FR4 Board Heat sink size: 10*10*0.2mm.
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.45
0.51
IF = 8A, TJ = 25°C
0.47
0.53
IF = 10A, TJ = 25°C
Maximum Instantaneous Forward
Voltage
VF
0.42
0.48
V
IF = 10A, TJ = 125°C
0.07
0.5
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
36
50
mA
TJ=100°C
Typical Junction Capacitance
1
CJ
795
-
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Pulse Test:Pulse Width = 300 μs, Duty Cycle ≦ 2.0%.
TO-277B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.60
G
0.85
0.95
B
0.90
1.10
H
3.90
4.10
C
5.70
5.90
I
0.25 REF.
D
1.80
1.95
J
1.75
1.85
E
0.75
0.85
K
2.95
3.05
F
3.45
3.60


Similar Part No. - SMPB1045L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPB1045L SECOS-SMPB1045L_15 Datasheet
233Kb / 2P
10 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SMPB1045L

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_1 Datasheet
199Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS12 YANGJIE-SS12 Datasheet
61Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SGL34-20 UNIOHM-SGL34-20 Datasheet
63Kb / 2P
0.8 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM120M UNIOHM-SM120M Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220A UNIOHM-SM220A Datasheet
66Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220B UNIOHM-SM220B Datasheet
67Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM320A UNIOHM-SM320A Datasheet
66Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMP1020 SECOS-SMP1020 Datasheet
250Kb / 2P
10 Amp Surface Mount Schottky Barrier Rectifiers
SMPB1045L SECOS-SMPB1045L_15 Datasheet
233Kb / 2P
10 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com