Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS2310 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2310
Description  N-Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2310 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS2310 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2310 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2310 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS2310
3A, 60V, RDS(ON) 105mΩ
Ω
Ω
Ω
N-Channel Enhancement MOSFET
13-Dec-2013 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
STATIC CHARACTERISTICS
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
V
VGS = 0, ID = 250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±20V, VDS =0
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VGS=0, VDS =60V
Gate Threshold Voltage
3
VGS(th)
0.5
-
2
V
VDS = VGS, ID = 250µA
-
-
105
VGS=10V, ID =3A
Static Drain-Source On Resistance
3
RDS(ON)
-
-
125
m
VGS=4.5V, ID =3A
Forward Transconductance
3
gFS
1.4
-
-
S
VDS=15V,ID =2A
Body diode forward voltage
3
VSD
-
-
1.2
V
VGS=0, IS =3A
Dynamic Characteristics
4
Input Capacitance
Ciss
-
247
-
Output Capacitance
Coss
-
34
-
Reverse Transfer Capacitance
Crss
-
19.5
-
pF
VDS=30V,
VGS=0,
f=1MHz
Switching Characteristics
4
Turn-On Delay Time
td(ON)
-
6
-
Rise time
tr
-
15
-
Turn-Off Delay Time
td(OFF)
-
15
-
Fall time
tr
-
10
-
nS
VDD=30V,
VGS=10V,
ID=1.5A,
RGEN=1 ,
Total Gate Charge
Qg
-
6
-
Gate-Source Charge
Qgs
-
1
-
Gate-Drain Charge
Qgd
-
1.3
-
nC
ID= 3A
VDS= 30V
VGS= 4.5V
Notes:
1.
Repetitive rating : Pulse width limited by junction temperature.
2.
Surface mounted on FR4 board , t≤10s.
3.
Pulse Test : Pulse Width≤300µs, Duty Cycle≤0.5%.
4.
Guaranteed by design, not subject to producting.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com