Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS52F Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS52F
Description  Surface Mount Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS52F Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS52F Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS52F Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS55F
SS52F THRU SS5200F
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
150.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
R
θJA
CJ
TJ,
TSTG
50.0
200
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-65 to +150
-65 to +125
-65 to +150
20
10
0.55
0.85
SS52F SS53F
SS54F
SS56F
SS510F
SS58F
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
SS5150F
150
105
150
SS5200F
200
150
200
0.95
0.2
2.0
FEATURES
MECHANICAL DATA
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds at terminals
Dimensions in inches and (millimeters)
SMAF
Cathode Band
Top View
0.128(3.25)
0.144(3.65)
0.189(4.80)
0.173(4.40)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
Case: JEDEC SMAF molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.0018 ounce, 0.064 grams
http://www.trr-jx.com
Surface Mount Schottky Rectifiers


Similar Part No. - SS52F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS52F ETC2-SS52F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS52F CHENDA-SS52F Datasheet
627Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS52F YFWDIODE-SS52F Datasheet
191Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Nanjing International G...
SS52F DGNJDZ-SS52F Datasheet
1Mb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - SS52F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com