Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASF0.5C Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MASF0.5C
Description  Surface Mount Super Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MASF0.5C Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MASF0.5C Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MASF0.5C Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MASF0.5C Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MASF0.5A~MASF0.5J
Surface Mount Super Fast Recovery Rectifiers
Features
●
Glass passivated chip junctions
●
Ideal for automated placement
●
Ultrafast reverse recovery time
for high efficiency
●
Low profile package
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:
JEDEC MSMA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
trr
35 nS
VF
0.95 V, 1.25 V, 1.7 V
IF(AV)
0.5 A
VRRM
50 V to 600 V
IFSM
15 A
●
Polarity:
Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Thermal resistance from junction to lead
(1)
RθJL
Operating junction and storage temperature
range
TJ,TSTG
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
1.70
10
35
Typical junction capacitance
4.0V,1.0MHz
CJ
pF
Reverse recovery time
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
trr
nS
Reverse current
VR=VDC
Tj=25℃
Tj=125℃
IR
5
100
μA
UNIT
Instantaneous forward voltage
IF=0.5A
(2)
VF
0.95
V
MASF0.5E~
MASF0.5G
1.25
MASF0.5J
–55 to +150
℃
Items
Test conditions
Symbol
MASF0.5A ~
MASF0.5D
15
A
35
℃
/W
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
300
400
600
V
0.5
A
Maximum average forward rectified current
IF(AV)
210
280
420
V
50
100
150
200
300
400
600
V
35
70
105
140
MASF
0.5E
MASF
0.5G
MASF
0.5J
UNIT
50
100
150
200
MASF
0.5A
MASF
0.5B
MASF
0.5C
MASF
0.5D
Items
Symbol
Tj max.
150 °C
http://www.trr-jx.com


Similar Part No. - MASF0.5C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MASF1 ETC2-MASF1 Datasheet
48Kb / 1P
1.6mm 2 Pin Ceramic Surface Mount Crystal
logo
Guangdong Juxing Electr...
MASF1A JUXING-MASF1A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF1B JUXING-MASF1B Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF1C JUXING-MASF1C Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF1D JUXING-MASF1D Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
More results

Similar Description - MASF0.5C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SFM11 WEITRON-SFM11 Datasheet
210Kb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
Frontier Electronics.
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B Datasheet
193Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
MASF2A JUXING-MASF2A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF1A JUXING-MASF1A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
Bruckewell Technology L...
SUF501_5C BWTECH-SUF501_5C Datasheet
372Kb / 4P
5.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B_15 Datasheet
193Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
SUF501C SECOS-SUF501C_16 Datasheet
218Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
SUF301C SECOS-SUF301C_16 Datasheet
213Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Shanghai Leiditech Elec...
BYV26C LEIDITECH-BYV26C Datasheet
623Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com