Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9713 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9713
Description  1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9713 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9713 Datasheet HTML 1Page - California Eastern Labs PS9713 Datasheet HTML 2Page - California Eastern Labs PS9713 Datasheet HTML 3Page - California Eastern Labs PS9713 Datasheet HTML 4Page - California Eastern Labs PS9713 Datasheet HTML 5Page - California Eastern Labs PS9713 Datasheet HTML 6Page - California Eastern Labs PS9713 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
•
HIGH INSTANTANEOUS COMMON MODE
REJECTION VOLTAGE
CMH, CML = ±15 kV/µs MIN
•
HIGH SPEED RESPONSE
tPHL= 500 ns MAX, tPLH = 750 ns MAX
•
MAXIMUM PROPAGATION DELAYS
tPLH- tPHL = 270 ns TYP
•
PULSE WIDTH DISTORTION
| tPHL- tPLH | = 270 ns TYP
•
SMALL THIN PACKAGE
5-pin SOP
•
TAPING PRODUCT NUMBER
PS9713-F3, F4: 3,500 pcs/reel
DESCRIPTION
PS9713 is an optically coupled isolator containing a GaAIAs
LED on the input side and a photo diode and a signal process-
ing circuit on the output side on one chip.
PS9713
1 Mbps, OPEN-COLLECTOR
OUTPUT FOR GATE DRIVE INTERFACE
INTELLIGENT POWER MODULE
5-PIN SOP PHOTOCOUPLER
APPLICATIONS
•
IPM DRIVER
•
GENERAL PURPOSE INVERTER
California Eastern Laboratories
ELECTRICAL CHARACTERISTICS1 (TA = -40 to +100°C, VCC = 15 V unless otherwise specified)
PART NUMBER
PS9713
SYMBOL
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.3
1.65
2.1
IR
Reverse Current, VR = 3 V
µA
200
Ct
Terminal Capacitance, V = 0 V, f = 1 MHz, TA = 25°CpF
30
VOL
Low Level Output Voltage
V
0.13
0.6
IF = 10 mA, Vcc = 5 V, IO = 2.4 mA
IOH
High Level Output Current
µA
1.0
50
Vcc = 30 V, VF = 0.8 V
ICCH
High Level Supply Current, VCC = 30 V, VF = 0.8 V, V0 = open
mA
0.6
1.3
ICCL
Low Level Supply Current, VCC = 30 V, IF = 10 mA, V0 = open
mA
0.6
1.3
IFHL
Threshhold Input Current (High→ Low),
mA
1.5
5.0
VO = 0.8 V, Io = 0.75 mA
CTR
Current Transfer Ratio, IF = 10 mA, Vo = 0.6 V
%
44
110
RI-O
Isolation Resistance, VI-O = 1 k VDC, RH = 40 to 60%, TA = 25°C
Ω
1011
CI-O
Isolation Capacitance, V = 0, f = 1 MHz, TA = 25°CpF
0.6
tPHL
Propagation Delay Time2, High → Low
ns
250
500
IF = 10 mA, RL = 20 kΩ, CL = 100 pF, VTHHL = 1.5 V, VTHLH = 2.0 V
tPLH
Propagation Delay Time2, High → Low
ns
520
750
IF = 10 mA, RL = 20 kΩ, CL = 100 pF, VTHHL = 1.5 V, VTHLH = 2.0 V
tPLH-tPHL
Maximum Propagation Delays
ns
-200
270
650
IF = 10 mA, RL = 20 kΩ, CL = 100 pF, VTHHL = 1.5 V, VTHLH = 2.0 V
|tPLH-tPHL|
Pulse Width Distortion (PWD)2
ns
270
650
IF = 10 mA, RL = 20 kΩ, CL = 100 pF, VTHHL = 1.5 V, VTHLH = 2.0 V
CMH
Instantaneous Common Mode Rejection Voltage (Output:High)3
kV/µs15
TA = 25°C, IF = 0 mA,VO > = 3.0 V, VCM = 1.5 kV, RL = 20 kΩ,
CL = 100 pF
CML
Instantaneous Common Mode Rejection Voltage (Output:High)3
kV/µs15
TA = 25°C, IF = 10 mA,VO < = 1.0 V, VCM = 1.5 kV, RL = 20 kΩ,
CL = 100 pF
Notes: See Next Page


Similar Part No. - PS9713

ManufacturerPart #DatasheetDescription
logo
NEC
PS9713 NEC-PS9713 Datasheet
77Kb / 7P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9713-F3 NEC-PS9713-F3 Datasheet
77Kb / 7P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9713-F4 NEC-PS9713-F4 Datasheet
77Kb / 7P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9713-V NEC-PS9713-V Datasheet
77Kb / 7P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9713-V-F3 NEC-PS9713-V-F3 Datasheet
77Kb / 7P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS9713

ManufacturerPart #DatasheetDescription
logo
NEC
PS9613 NEC-PS9613 Datasheet
84Kb / 6P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9713 NEC-PS9713 Datasheet
77Kb / 7P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9613 CEL-PS9613 Datasheet
409Kb / 13P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513 CEL-PS9513 Datasheet
1Mb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9513 RENESAS-PS9513_15 Datasheet
181Kb / 21P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9613 RENESAS-PS9613 Datasheet
291Kb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com