Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAC309 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # EAC309
Description  EAC RECEPTACLES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EAC309 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  EAC309 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • 773 792-2700 • FAX: 773 792-2129
www.switchcraft.com
EAC RECEPTACLES
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)
SERIES EAC
Note: Unless otherwise specified, all dimension tolerances are ± .01 inch (+0.25 mm)
Front Mount
EAC227, EAC309,
EAC311, EAC315,
EAC319, EAC327
Front Mount
EAC225
Figure 5
Front Mount
EAC305
Figure 2
Front Mount
EAC323
Figure 4
Snap-in Mount
EAC405, EAC451, EAC453,
EAC455, EAC457
Snap-in Mount
EAC409, EAC411
Rear Mount
EAC325
Figure 9
Rear Mount
EAC323
Figure 6
EAC233, EAC309,
EAC311, EAC315,
EAC319, EAC327,
EAC333
Figure 7
Recommended
PC Board Layout
EAC233, EAC333
Figure 10
Note: Center .07 inch diameter
hole not used for 233, 234


Similar Part No. - EAC309

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAC319 ETC1-EAC319 Datasheet
55Kb / 1P
EAC RECEPTACLES
EAC323 ETC1-EAC323 Datasheet
55Kb / 1P
EAC RECEPTACLES
EAC325 ETC1-EAC325 Datasheet
55Kb / 1P
EAC RECEPTACLES
EAC327 ETC1-EAC327 Datasheet
55Kb / 1P
EAC RECEPTACLES
More results

Similar Description - EAC309

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAC409 ETC1-EAC409 Datasheet
55Kb / 1P
EAC RECEPTACLES
logo
Balluff Korea Ltd.
BCC0CWL BALLUFF-BCC0CWL Datasheet
104Kb / 2P
Receptacles
0.63_2022-07-16
BCC0CYE BALLUFF-BCC0CYE Datasheet
107Kb / 2P
Receptacles
0.63_2022-07-16
BCC0CZ9 BALLUFF-BCC0CZ9 Datasheet
110Kb / 2P
Receptacles
0.61_2022-07-16
BCC0E53 BALLUFF-BCC0E53 Datasheet
97Kb / 2P
Receptacles
0.7_2022-07-16
BCC0E63 BALLUFF-BCC0E63 Datasheet
108Kb / 2P
Receptacles
0.69_2022-07-26
BCC0ER3 BALLUFF-BCC0ER3 Datasheet
110Kb / 2P
Receptacles
0.62_2022-07-11
BCC0CYN BALLUFF-BCC0CYN Datasheet
106Kb / 2P
Receptacles
0.63_2022-08-08
BCC0CZ6 BALLUFF-BCC0CZ6 Datasheet
107Kb / 2P
Receptacles
0.63_2022-08-08
BCC0E35 BALLUFF-BCC0E35 Datasheet
93Kb / 2P
Receptacles
0.6_2022-07-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com