Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS4228PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFS4228PBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4228PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFS4228PBF Datasheet HTML 2Page - International Rectifier IRFS4228PBF Datasheet HTML 3Page - International Rectifier IRFS4228PBF Datasheet HTML 4Page - International Rectifier IRFS4228PBF Datasheet HTML 5Page - International Rectifier IRFS4228PBF Datasheet HTML 6Page - International Rectifier IRFS4228PBF Datasheet HTML 7Page - International Rectifier IRFS4228PBF Datasheet HTML 8Page - International Rectifier IRFS4228PBF Datasheet HTML 9Page - International Rectifier IRFS4228PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFS/SL4228PbF
www.irf.com
7
Fig 21a. tst and EPULSE Test Circuit
Fig 21b. tst Test Waveforms
Fig 21c. EPULSE Test Waveforms
PULSEA
PULSEB
tST
DRIVER
DUT
L
C
VCC
RG
RG
B
A
Ipulse
Fig 22a. Switching Time Test Circuit
Fig 22b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
VDS
90%
10%
VGS
td(on)
tr
td(off) tf



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com