Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2301STRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2301STRPBF
Description  Floating channel designed for bootstrap operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2301STRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2301STRPBF Datasheet HTML 7Page - International Rectifier IRS2301STRPBF Datasheet HTML 8Page - International Rectifier IRS2301STRPBF Datasheet HTML 9Page - International Rectifier IRS2301STRPBF Datasheet HTML 10Page - International Rectifier IRS2301STRPBF Datasheet HTML 11Page - International Rectifier IRS2301STRPBF Datasheet HTML 12Page - International Rectifier IRS2301STRPBF Datasheet HTML 13Page - International Rectifier IRS2301STRPBF Datasheet HTML 14Page - International Rectifier IRS2301STRPBF Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IRS2301S
www.irf.com
© 2009 International Rectifier
11
Tolerability to Negative VS Transients
The IRS2301S has been seen to withstand negative VS transient conditions on the order of -25V for a period of
100 ns (VBIAS (VCC, VBS) = 15V and TA = 25°C).
An illustration of the IRS2301S performance can be seen in Figure 4.
Even though the IRS2301S has been shown able to handle these negative VS transient conditions, it is highly
recommended that the circuit designer always limit the negative VS transients as much as possible by careful
PCB layout and component use.
Figure 4: -Vs Transient results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com