Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB151 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RB151
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RB151 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RB151 Datasheet HTML 1Page - EIC discrete Semiconductors RB151 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB150 - RB158
SILICON BRIDGE RECTIFIERS
PRV : 50 - 800 Volts
Io : 1.5 Amperes
FEATURES :
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* High case dielectric strength of 2000 VDC
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 3.4 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RB150
RB151
RB152
RB154
RB156
RB158
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
Volts
Maximum Average Forward Current Tc=50
°C
IF(AV)
1.5
Amps.
Peak Forward Surge Current, Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
40
Amps.
Maximum Forward Voltage per Diode at IF = 1 Amp.
VF
0.95
Volt
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
100
µA
Typical Thermal Resistance (Note 1)
R
θJL
15
°C/W
Operating Junction Temperature Range
TJ
- 40 to + 140
°C
Storage Temperature Range
TSTG
- 40 to + 140
°C
Notes :
1 ) Thermal resistance from Junction to lead mounted on P.C. Board with 0.47" X 0.47" ( 12mm X 12mm ) Cu pads.
UPDATE : NOVEMBER 1,1998
RATING
RB
+
AC
AC
0.105 (2.66)
0.085 (2.16)
0.71 (18.0)
0.63 (16.0)
0.276 (7.01 )
0.236 (5.99)
0.16 (4.00)
0.14 (3.55)
0.035 (0.89)
0.028 (0.71)
0.500 (12.7)
MIN.
Dimensions in inches and ( millimeter )
0.825 (20.95)
0.605 (15.36)
TEL. : (66 2) 326-0102, 739-4580
FAX. : (66 2) 326-0933 E-mail : eicfirst @ iname.com http. : // www.eicsemi.com
ELECTRONICS INDUSTRY (USA) CO., LTD.
103 MOO 4, LATKRABANG EXPORT PROCESSING ZONE, LATKRABANG, BANGKOK 10520, THAILAND


Similar Part No. - RB151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB151 WTE-RB151 Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Rectron Semiconductor
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Bytes
RB151 BYTES-RB151 Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
RB151 CHENYI-RB151 Datasheet
136Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RB151

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com