Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0016 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0016
Description  Digital Attenuator, 5-Bit, Single Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0016 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Digital Attenuator, 5-Bit, Single Control
31 dB, 0.05 - 4.0 GHz
Rev. V3
MAADSS0016
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Integrated Logic
 Positive Single Control
 Insertion Loss: 1.5 dB @ 1.0 GHz
 IP3: >40 dBm typical @ 2.0 GHz
 Attenuation Accuracy: 0.3 dB + 1% @ 1.0 GHz
 1-dB Attenuation Steps to 31 dB
 Low DC Power Consumption
 Lead-Free 3mm PQFN-16LD Plastic Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Re-flow Compatible
Description
The MAADSS0016 is a 5-Bit, 1dB step GaAs MMIC
digital attenuator in a lead-free 3mm 16 lead PQFN
surface mount plastic package. This device is ideally
suited for use where high accuracy, very low power
consumption and low intermodulation products are
required.
Typical applications include radio, cellular, wireless
LANs, GPS equipment and other gain / level control
circuits.
The MAADSS0016 is part of a digital attenuator
family.
This
family
includes
4,
5, and 6
bit
attenuators with 0.5, 1, or 2 dB steps and up to 31.5
range.
Functional Schematic 3,4
3. Blocking capacitors are required on all RF ports.
4. RF Port and Ground pin capacitors are 1000 pF.
Pin Configuration5
Pin No.
Function
Pin No.
Function
1
VDD
9
Ext. C to GND
2
RFIN/OUT
10
Ext. C to GND
3
Ext. C to GND
11
RFIN/OUT
4
Ext. C to GND
12
V16 (16 dB Bit)
5
Ext. C to GND
13
V8 (8 dB Bit)
6
Ext. C to GND
14
V4 (4 dB Bit)
7
Ext. C to GND
15
V2 (2 dB Bit)
8
Ext. C to GND
16
V1 (1 dB Bit)
Part Number
Package
MAADSS0016TR-3000
3000 piece reel
MAADSS0016SMB
Sample Board
MAADSS0016TR-1000
1000 piece reel
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Input Power
500 - 4000 MHz
+33 dBm
Control Voltage
-0.5 V < VC < 5.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Ordering Information 1,2
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
5. The exposed pad centered on the package bottom should
be grounded.


Similar Part No. - MAADSS0016

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0016SMB MA-COM-MAADSS0016SMB Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0016SMB MA-COM-MAADSS0016SMB Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
MAADSS0016TR-1000 MA-COM-MAADSS0016TR-1000 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0016TR-1000 MA-COM-MAADSS0016TR-1000 Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
More results

Similar Description - MAADSS0016

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
MAADSS0013_V2 MA-COM-MAADSS0013_V2 Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
Digital Attenuator, 1-Bit, Single Control
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
Digital Attenuator, 5-Bit, Single Control
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control
AT-264 MA-COM-AT-264_15 Datasheet
653Kb / 5P
Digital Attenuator, 4-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
Digital Attenuator, 1-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016_15 Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com