Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0044 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0044
Description  Low Noise Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0044 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0044 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier
1.5 - 1.6 GHz
Rev. V1
MAALSS0044
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications 7: TA = 25°C, VDD = +5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
1.5 - 1.6 GHz, PIN = -30 dBm
dB
19
21
23
Noise Figure
1.5 - 1.6 GHz
dB
1.55
1.9
Input VSWR
1.5 - 1.6 GHz, PIN = -30 dBm
Ratio
1.5:1
Output VSWR
1.5 - 1.6 GHz, PIN = -30 dBm
Ratio
1.5:1
Output 1 dB Compression
1.5 - 1.6 GHz
dBm
6
Input IP3
1.5 - 1.6 GHz, PIN = -30 dBm
dBm
-2
Reverse Isolation
1.5 - 1.6 GHz, PIN = -30 dBm
dB
40
Bias Current
mA
5
8
11
7. See plots for 3-volt performance.
Component List
Part
Value
Case Size Manufacturer
C1
500 pF
0603
Murata
L1
15 nH
0805
Coilcraft
R1 (optional) 35 to 40 Ω
0603
Panasonic
8.
Pins 1, 4, 5 and 8 must be RF and DC grounded as shown.
9.
Pin 3 is the RF input; pin 6 is the RF output. VDD is
applied on pin 7. This pin must be bypassed with a 500 pF
surface mount MLC capacitor, mounted as close as
possible to pin 7, and RF decoupled with a chip inductor
having a minimum value of 15 nH (as shown in the
Recommended PCB Configuration).
10. Pin 2 allows use of an external resistor to ground for
optional, higher current bias. For nominal current
operation no resistor is used. For optional 20-mA current
operation, connect a 35 to 40 Ω chip resistor (as shown in
the Recommended PCB Configuration).
Application Schematic 8,9,10
Recommended PCB Configuration
L1
C1
VDD
RF IN
RF OUT
R1
(Optional)
See Note 8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com