Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK13 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RK13
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RK13 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RK13 Datasheet HTML 1Page - EIC discrete Semiconductors RK13 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RK13 - RK19
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 30 - 90 Volts
IO : 1.5 - 1.7 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low forward voltage drop
* Low cost
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RK13
RK14
RK16
RK19
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
40
60
90
Volts
Maximum DC Blocking Voltage
VDC
30
40
60
90
Volts
Maximum Average Forward Current TL = 75
°C
IF(AV)
1.7
1.5
Amps.
Peak Forward Surge Current single half sine wave
Superimposed on rated load
IFSM
50
Amps.
Maximum Forward Voltage at IF
(Note 1)
VF
0.55
0.62
0.81
Volt.
Maximum Forward Current
IF
2.0
1.5
Volts.
Maximum Reverse Current at
Rated DC Blocking Voltage (Note 1)
IR
5.1
1.0
2
mA
Junction Temperature Range
TJ
- 40 to + 125
°C
Storage Temperature Range
TSTG
- 40 to + 125
°C
Notes :
(1) Pulse Test : Pulse Width = 300
µs, Duty Cycle = 2%.
UPDATE : SEPTEMBER 12, 1998
RATING
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - RK13

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RK13 SANKEN-RK13 Datasheet
43Kb / 2P
Schottky Barrier Diodes
RK13 SANKEN-RK13 Datasheet
75Kb / 2P
Schottky Barrier Diodes
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK13S1A1NANT1AGEV GREATECS-RK13S1A1NANT1AGEV Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK13S1J1NANT6AGEV GREATECS-RK13S1J1NANT6AGEV Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
More results

Similar Description - RK13

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com