Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS1CP472BA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECOS1CP472BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP472BA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECOS1CP472BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP472BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP472BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP472BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP472BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP472BA Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS-UP Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
5600
25 x 25
3.36
3.86
0.080
0.060
ECOS1VP562CA
4700
35 x 25
4.86
5.59
0.081
0.061
ECOS1JP472EA
6800
22 x 35
3.68
4.23
0.066
0.049
ECOS1VP682BA
5600
25 x 45
5.36
6.16
0.068
0.051
ECOS1JP562CA
25 x 30
3.68
4.23
0.066
0.049
ECOS1VP682CA
30 x 35
5.36
6.16
0.068
0.051
ECOS1JP562DA
35 x 20
2.40
2.76
0.071
0.053
ECOS1VP682EL
35 x 30
5.36
6.16
0.068
0.051
ECOS1JP562EA
8200
22 x 40
4.00
4.60
0.057
0.042
ECOS1VP822BA
6800
25 x 50
5.84
6.72
0.061
0.046
ECOS1JP682CA
25 x 35
4.00
4.60
0.057
0.042
ECOS1VP822CA
30 x 40
5.84
6.72
0.061
0.046
ECOS1JP682DA
10000
22 x 45
4.42
5.08
0.050
0.037
ECOS1VP103BA
35 x 30
5.84
6.72
0.061
0.046
ECOS1JP682EA
25 x 40
4.42
5.08
0.050
0.037
ECOS1VP103CA
8200
30 x 45
6.00
6.90
0.051
0.038
ECOS1JP822DA
30 x 30
4.42
5.08
0.050
0.037
ECOS1VP103DA
35 x 35
6.00
6.90
0.051
0.038
ECOS1JP822EA
35 x 25
4.42
5.08
0.050
0.037
ECOS1VP103EA
10000
35 x 40
6.52
7.50
0.041
0.033
ECOS1JP103EA
12000
25 x 45
5.05
5.81
0.044
0.033
ECOS1VP123CA
12000
35 x 50
7.15
8.22
0.035
0.028
ECOS1JP123EA
30 x 35
5.05
5.81
0.044
0.033
ECOS1VP123DA
35 x 30
5.05
5.81
0.044
0.033
ECOS1VP123EA
680
22 x 20
1.00
1.15
0.439
0.329
ECOS1KP681BL
15000
25 x 50
5.57
6.41
0.036
0.027
ECOS1VP153CA
22 x 25
1.02
1.17
0.390
0.293
ECOS1KP681BA
30 x 40
5.57
6.41
0.036
0.027
ECOS1VP153DA
1000
22 x 25
1.51
1.74
0.265
0.199
ECOS1KP102BA
35 x 30
5.57
6.41
0.036
0.027
ECOS1VP153EA
25 x 20
1.20
1.38
0.298
0.224
ECOS1KP102CL
18000
30 x 45
5.68
6.53
0.030
0.023
ECOS1VP183DA
1200
22 x 25
1.81
2.08
0.221
0.166
ECOS1KP122BA
35 x 35
5.68
6.53
0.030
0.023
ECOS1VP183EA
1500
22 x 30
2.26
2.60
0.177
0.133
ECOS1KP152BA
22000
30 x 50
6.10
7.02
0.026
0.020
ECOS1VP223DA
25 x 25
2.26
2.60
0.177
0.133
ECOS1KP152CA
35 x 40
6.10
7.02
0.026
0.020
ECOS1VP223EA
30 x 20
1.40
1.61
0.199
0.149
ECOS1KP152DL
27000
35 x 45
6.84
7.87
0.021
0.017
ECOS1VP273EA
1800
22 x 35
2.52
2.90
0.147
0.111
ECOS1KP182BA
33000
35 x 50
7.15
8.22
0.018
0.014
ECOS1VP333EA
25 x 30
2.52
2.90
0.147
0.111
ECOS1KP182CA
2200
22 x 40
2.73
3.14
0.121
0.090
ECOS1KP222BA
1500
22 x 20
1.20
1.38
0.254
0.191
ECOS1HP152BL
25 x 30
2.73
3.14
0.121
0.090
ECOS1KP222CA
22 x 25
1.24
1.43
0.221
0.166
ECOS1HP152BA
30 x 25
2.73
3.14
0.121
0.090
ECOS1KP222DA
2200
22 x 25
1.82
2.09
0.151
0.113
ECOS1HP222BA
35 x 20
1.70
1.96
0.136
0.102
ECOS1KP222EL
25 x 20
1.40
1.61
0.173
0.130
ECOS1HP222CL
2700
22 x 45
2.78
3.20
0.098
0.074
ECOS1KP272BA
2700
22 x 25
2.23
2.56
0.123
0.092
ECOS1HP272BA
25 x 35
2.78
3.20
0.098
0.074
ECOS1KP272CA
3300
22 x 30
2.73
3.14
0.100
0.075
ECOS1HP332BA
30 x 30
2.78
3.20
0.098
0.074
ECOS1KP272DA
25 x 25
2.73
3.14
0.100
0.075
ECOS1HP332CA
3300
22 x 50
3.21
3.69
0.085
0.064
ECOS1KP332BA
30 x 20
1.70
1.96
0.116
0.087
ECOS1HP332DL
25 x 40
3.21
3.69
0.085
0.064
ECOS1KP332CA
3900
22 x 30
2.75
3.16
0.085
0.064
ECOS1HP392BA
30 x 30
3.21
3.69
0.085
0.064
ECOS1KP332DA
25 x 25
2.75
3.16
0.085
0.064
ECOS1HP392CA
3900
25 x 45
3.59
4.13
0.077
0.057
ECOS1KP392CA
4700
22 x 35
3.03
3.48
0.071
0.053
ECOS1HP472BA
30 x 35
3.59
4.13
0.077
0.057
ECOS1KP392DA
25 x 30
3.03
3.48
0.071
0.053
ECOS1HP472CA
4700
25 x 50
4.09
4.70
0.063
0.048
ECOS1KP472CA
30 x 25
3.03
3.48
0.071
0.053
ECOS1HP472DA
30 x 40
4.09
4.70
0.063
0.048
ECOS1KP472DA
35 x 20
2.10
2.42
0.081
0.061
ECOS1HP472EL
5600
30 x 45
4.55
5.23
0.056
0.042
ECOS1KP562DA
5600
22 x 40
3.42
3.93
0.059
0.044
ECOS1HP562BA
35 x 35
4.55
5.23
0.056
0.042
ECOS1KP562EA
25 x 35
3.42
3.93
0.059
0.044
ECOS1HP562CA
6800
30 x 50
5.16
5.93
0.046
0.035
ECOS1KP682DA
30 x 30
3.42
3.93
0.059
0.044
ECOS1HP562DA
35 x 40
5.16
5.93
0.046
0.035
ECOS1KP682EA
6800
22 x 50
3.85
4.43
0.049
0.037
ECOS1HP682BA
8200
35 x 50
5.83
6.70
0.038
0.029
ECOS1KP822EA
25 x 40
3.85
4.43
0.049
0.037
ECOS1HP682CA
30 x 30
3.85
4.43
0.049
0.037
ECOS1HP682DA
470
22 x 20
1.00
1.15
0.459
0.298
ECOS2AP471BL
8200
25 x 45
4.41
5.07
0.040
0.030
ECOS1HP822CA
22 x 25
1.11
1.28
0.459
0.298
ECOS2AP471BA
30 x 35
4.41
5.07
0.040
0.030
ECOS1HP822DA
560
22 x 25
1.32
1.52
0.385
0.250
ECOS2AP561BA
10000
25 x 50
4.97
5.72
0.036
0.027
ECOS1HP103CA
680
22 x 25
1.61
1.85
0.317
0.206
ECOS2AP681BA
30 x 40
4.97
5.72
0.036
0.027
ECOS1HP103DA
25 x 20
1.10
1.27
0.366
0.238
ECOS2AP681CL
35 x 30
4.97
5.72
0.036
0.027
ECOS1HP103EA
1000
22 x 30
1.96
2.25
0.216
0.140
ECOS2AP102BA
12000
30 x 45
5.58
6.42
0.032
0.024
ECOS1HP123DA
25 x 25
1.96
2.25
0.216
0.140
ECOS2AP102CA
35 x 35
5.58
6.42
0.032
0.024
ECOS1HP123EA
30 x 20
1.20
1.38
0.249
0.162
ECOS2AP102DL
15000
30 x 50
6.44
7.41
0.028
0.021
ECOS1HP153DA
1200
22 x 35
2.31
2.66
0.193
0.126
ECOS2AP122BA
35 x 40
6.44
7.41
0.028
0.021
ECOS1HP153EA
25 x 30
2.31
2.66
0.180
0.117
ECOS2AP122CA
18000
35 x 45
6.94
7.98
0.023
0.018
ECOS1HP183EA
1500
22 x 40
2.57
2.96
0.155
0.101
ECOS2AP152BA
22000
35 x 50
7.57
8.71
0.021
0.017
ECOS1HP223EA
25 x 30
2.57
2.96
0.155
0.101
ECOS2AP152CA
30 x 25
2.57
2.96
0.155
0.101
ECOS2AP152DA
1000
22 x 20
1.20
1.38
0.381
0.286
ECOS1JP102BL
35 x 20
1.50
1.73
0.177
0.115
ECOS2AP152EL
22 x 25
1.20
1.38
0.332
0.249
ECOS1JP102BA
1800
22 x 45
2.84
3.27
0.129
0.084
ECOS2AP182BA
1500
22 x 25
1.72
1.98
0.221
0.166
ECOS1JP152BA
25 x 35
2.84
3.27
0.138
0.090
ECOS2AP182CA
25 x 20
1.30
1.50
0.254
0.191
ECOS1JP152CL
30 x 30
2.84
3.27
0.138
0.090
ECOS2AP182DA
1800
22 x 25
2.06
2.37
0.184
0.138
ECOS1JP182BA
2200
22 x 50
3.14
3.61
0.121
0.078
ECOS2AP222BA
2200
22 x 30
2.52
2.90
0.151
0.113
ECOS1JP222BA
25 x 40
3.14
3.61
0.121
0.078
ECOS2AP222CA
25 x 25
2.52
2.90
0.151
0.113
ECOS1JP222CA
30 x 30
3.14
3.61
0.121
0.078
ECOS2AP222DA
30 x 20
1.50
1.73
0.173
0.130
ECOS1JP222DL
35 x 25
3.14
3.61
0.121
0.078
ECOS2AP222EA
2700
22 x 35
3.73
4.29
0.123
0.092
ECOS1JP272BA
2700
25 x 45
3.71
4.27
0.104
0.068
ECOS2AP272CA
25 x 30
3.73
4.29
0.123
0.092
ECOS1JP272CA
30 x 35
3.71
4.27
0.104
0.068
ECOS2AP272DA
3300
22 x 40
4.10
4.72
0.105
0.079
ECOS1JP332BA
35 x 30
3.71
4.27
0.104
0.068
ECOS2AP272EA
25 x 30
4.10
4.72
0.105
0.079
ECOS1JP332CA
3300
25 x 50
4.06
4.67
0.090
0.059
ECOS2AP332CA
30 x 25
4.10
4.72
0.105
0.079
ECOS1JP332DA
30 x 40
4.06
4.67
0.090
0.059
ECOS2AP332DA
35 x 20
1.70
1.96
0.126
0.094
ECOS1JP332EL
3900
30 x 45
4.54
5.22
0.077
0.050
ECOS2AP392DA
3900
22 x 45
4.44
5.11
0.098
0.073
ECOS1JP392BA
35 x 35
4.54
5.22
0.081
0.052
ECOS2AP392EA
25 x 35
4.44
5.11
0.098
0.073
ECOS1JP392CA
4700
30 x 50
5.13
5.90
0.071
0.049
ECOS2AP472DA
30 x 30
4.44
5.11
0.098
0.073
ECOS1JP392DA
35 x 40
5.13
5.90
0.071
0.049
ECOS2AP472EA
4700
22 x 50
4.86
5.59
0.081
0.061
ECOS1JP472BA
5600
35 x 45
5.75
6.61
0.059
0.041
ECOS2AP562EA
25 x 40
4.86
5.59
0.081
0.061
ECOS1JP472CA
6800
35 x 50
6.60
7.59
0.049
0.037
ECOS2AP682EA
30 x 30
4.86
5.59
0.081
0.061
ECOS1JP472DA
Size (mm)
63 VDC Working, 79 VDC Surge (continued)
63 VDC Working, 79 VDC Surge
35 VDC Working, 44 VDC Surge (continued)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
D x L
Max 85°C R.C. (Arms)
D x L
Max 85°C R.C. (Arms)
Size (mm)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
50 VDC Working, 63 VDC Surge
80 VDC Working, 100 VDC Surge
100 VDC Working, 125 VDC Surge
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com