Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS2DB471BA Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECOS2DB471BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2DB471BA Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECOS2DB471BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2DB471BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2DB471BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS2DB471BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS2DB471BA Datasheet HTML 6Page - Panasonic Semiconductor ECOS2DB471BA Datasheet HTML 7Page - Panasonic Semiconductor ECOS2DB471BA Datasheet HTML 8Page - Panasonic Semiconductor ECOS2DB471BA Datasheet HTML 9Page - Panasonic Semiconductor ECOS2DB471BA Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
21
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
390
25 x 50
2.06
2.88
0.425
0.149
30 x 40
2.06
2.88
0.425
0.149
30 x 45
2.06
2.88
0.468
0.164
35 x 30
2.06
2.88
0.425
0.149
35 x 35
2.06
2.88
0.425
0.149
470
30 x 50
2.40
3.36
0.388
0.136
35 x 35
2.40
3.36
0.353
0.123
35 x 40
2.40
3.36
0.353
0.123
560
30 x 50
2.60
3.64
0.326
0.114
35 x 40
2.60
3.64
0.296
0.104
35 x 45
2.60
3.64
0.296
0.104
680
35 x 45
2.96
4.14
0.293
0.117
35 x 50
2.96
4.14
0.293
0.117
820
35 x 50
3.55
4.97
0.243
0.097
47
22 x 20
0.25
0.35
4.233
1.481
68
22 x 25
0.76
1.06
2.438
0.853
25 x 20
0.35
0.49
2.926
1.024
82
22 x 25
0.83
1.16
2.022
0.708
100
22 x 30
0.92
1.29
1.658
0.580
25 x 25
0.92
1.29
1.658
0.580
30 x 20
0.47
0.66
1.989
0.696
120
22 x 35
1.02
1.43
1.382
0.553
25 x 25
1.02
1.43
1.382
0.553
25 x 30
1.02
1.43
1.382
0.553
150
22 x 35
1.16
1.62
1.105
0.442
22 x 40
1.16
1.62
1.105
0.442
25 x 30
1.16
1.62
1.105
0.442
30 x 25
1.16
1.62
1.105
0.442
35 x 20
0.60
0.84
1.326
0.531
180
22 x 40
1.44
2.02
0.921
0.368
22 x 45
1.44
2.02
0.921
0.368
25 x 30
1.44
2.02
0.921
0.368
25 x 35
1.44
2.02
0.921
0.368
30 x 25
1.44
2.02
0.921
0.368
30 x 30
1.44
2.02
0.921
0.368
220
22 x 45
1.49
2.09
0.829
0.373
22 x 50
1.49
2.09
0.829
0.373
25 x 40
1.49
2.09
0.829
0.373
30 x 30
1.49
2.09
0.829
0.373
270
25 x 45
1.67
2.34
0.675
0.304
30 x 35
1.67
2.34
0.675
0.304
35 x 25
1.67
2.34
0.675
0.304
35 x 30
1.67
2.34
0.675
0.304
330
25 x 50
1.90
2.66
0.553
0.249
30 x 40
1.90
2.66
0.553
0.249
35 x 30
1.90
2.66
0.553
0.249
35 x 35
1.90
2.66
0.553
0.249
390
30 x 45
2.13
2.98
0.468
0.210
35 x 35
2.13
2.98
0.468
0.210
35 x 40
2.13
2.98
0.468
0.210
470
30 x 50
2.39
3.35
0.388
0.175
35 x 40
2.39
3.35
0.388
0.175
35 x 45
2.39
3.35
0.388
0.175
560
35 x 45
2.69
3.77
0.326
0.147
35 x 50
2.69
3.77
0.326
0.147
680
35 x 50
3.00
4.20
0.268
0.121
47
22 x 20
0.25
0.35
3.527
1.235
22 x 25
0.47
0.66
3.527
1.235
68
22 x 25
0.69
0.97
2.438
0.853
25 x 20
0.35
0.49
2.926
1.024
82
22 x 25
0.83
1.16
2.022
0.708
ECEC2GP680BA
ECEC2GP680CL
ECEC2GP820BA
ECOS2GP680CL
ECEC2TP151BX
ECEC2TP151BA
ECEC2TP101DL
ECEC2TP121BA
ECEC2TP121CX
ECEC2TP121CA
ECEC2GP470BL
ECEC2GP470BA
400 VDC Working, 450 VDC Surge
ECOS2GP470BL
ECOS2GP470BA
ECOS2TP101BA
ECOS2TP101CA
ECEC2TP101BA
ECEC2TP101CA
ECOS2TP101DL
ECOS2TP121BA
ECOS2TP121CX
ECOS2TP121CA
ECEC2TP470BL
ECEC2TP680BA
ECEC2TP680CL
ECEC2TP820BA
ECOS2TP470BL
ECOS2TP680BA
ECOS2TP680CL
ECOS2TP820BA
385 VDC Working, 435 VDC Surge
ECEC2VP391CX
ECEC2VP391DX
ECEC2VP391DA
ECEC2VP391EX
ECEC2VP681EA
ECEC2VP821EX
ECOS2VP821EX
ECEC2VP471DA
ECEC2VP471EX
ECEC2VP471EA
ECEC2VP561DX
ECEC2VP561EX
ECEC2VP561EA
ECEC2VP681EX
ECOS2VP681EX
ECOS2VP681EA
ECOS2VP561EX
Part numbers shown with 2 pins
ECEC2VP391EA
ECOS2VP471EA
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR ( , max.)
ECOS2VP391CX
ECOS2VP391DX
ECOS2VP391DA
ECOS2VP391EX
ECOS2VP391EA
ECOS2VP471DA
ECOS2VP471EX
ECOS2VP561EA
ECOS2GP820BA
ECOS2GP680BA
Panasonic Part Number (By Terminal Length)
350 VDC Working, 400 VDC Surge (continued)
D x L
6.3mm Length Terminal
4.0mm Length Terminal
ECOS2VP561DX
ECOS2TP151BX
ECOS2TP151BA
ECOS2TP151CA
ECOS2TP151DA
ECOS2TP151EL
ECOS2TP181BX
ECOS2TP181BA
ECOS2TP181CX
ECOS2TP181CA
ECOS2TP181DX
ECOS2TP181DA
ECOS2TP221BX
ECOS2TP221BA
ECOS2TP221CA
ECOS2TP221DA
ECOS2TP271CA
ECOS2TP271DA
ECOS2TP271EX
ECOS2TP271EA
ECOS2TP331CX
ECOS2TP331DA
ECOS2TP331EX
ECOS2TP331EA
ECOS2TP391DA
ECOS2TP391EX
ECOS2TP391EA
ECOS2TP471DA
ECOS2TP471EX
ECOS2TP471EA
ECOS2TP561EX
ECOS2TP561EA
ECOS2TP681EX
ECEC2TP151CA
ECEC2TP151DA
ECEC2TP151EL
ECEC2TP181BX
ECEC2TP181BA
ECEC2TP181CX
ECEC2TP181CA
ECEC2TP181DX
ECEC2TP181DA
ECEC2TP221BX
ECEC2TP221BA
ECEC2TP221CA
ECEC2TP221DA
ECEC2TP271CA
ECEC2TP271DA
ECEC2TP271EX
ECEC2TP391EX
ECEC2TP391EA
ECEC2TP271EA
ECEC2TP331CX
ECEC2TP331DA
ECEC2TP331EX
ECEC2TP561EA
ECEC2TP681EX
ECEC2TP471DA
ECEC2TP471EX
ECEC2TP471EA
ECEC2TP561EX
ECEC2TP331EA
ECEC2TP391DA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com