Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9173B Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9173B
Description  VIDEO GENLOCK PLL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9173B Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS9173B Datasheet HTML 1Page - Integrated Device Technology ICS9173B Datasheet HTML 2Page - Integrated Device Technology ICS9173B Datasheet HTML 3Page - Integrated Device Technology ICS9173B Datasheet HTML 4Page - Integrated Device Technology ICS9173B Datasheet HTML 5Page - Integrated Device Technology ICS9173B Datasheet HTML 6Page - Integrated Device Technology ICS9173B Datasheet HTML 7Page - Integrated Device Technology ICS9173B Datasheet HTML 8Page - Integrated Device Technology ICS9173B Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IDT9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT™ VIDEO GENLOCK PLL
6
IDT9173B
REV B 111209
Notes:
1. Parameter is guaranteed by design and characterization. Not 100% tested in production.
2. Input Reference Frequency = 25 kHz, Output Frequency = 25 MHz. Jitter measured between adjacent vertical
pixels.
3. CLK1 frequency applies for FS = 0. For FS = 1 condition, divide allowable CLK1 range by the factor of 4.
4. An Application Brief (AB01) documents the operation of the AV9173 for low input frequencies. This provides
guidelines for usable output frequencies and feedback ratios required to use inputs below 25 kHz. By following
these guidelines, the IDT9173B will operate down to 12 kHz inputs across temperature, voltage and lot-to-lot
variation.
5. Jitter values are measured at frequencies > 25 MHz for IDT9173B-01, for IDT9173B-15, jitter is measured at
frequency > 12.5 MHz.
Thermal Characteristics
CLK1 Frequency, -01 1, 3, 4
fCLK1
12 < fIN < 14 kHz
44
75
MHz
14 < fIN < 17 kHz
30
75
17 < fIN < 30 kHz
25
75
30 < fIN < 35 kHz
15
75
35 < fIN < 1000 kHz
10
75
CLK1 Frequency, -15 1, 3, 4
fCLK1
12 < fIN < 14 kHz
22
37.5
MHz
14 < fIN < 17 kHz
15
37.5
17 < fIN < 30 kHz
12.5
37.5
30 < fIN < 35 kHz
7.5
37.5
35 < fIN < 1000 kHz
5
37.5
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W
Thermal Resistance Junction to Top
of Case
ΨJT
Still air
20
° C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com