Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC30 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SAC30
Description  LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SAC30 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SAC30 Datasheet HTML 1Page - EIC discrete Semiconductors SAC30 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SAC SERIES
LOW CAPACITANCE
TRANSIENT VOLTAGE
VBR : 5.0 - 50 Volts
SUPPRESSOR
PPK : 500 Watts
FEATURES :
* 500W Peak Pulse Surge reverse
capability on 10/1000
µs waveform
* Excellent clamping capability
* Low incremental surge resistance
* Fast response time : typically less than 1.0 ns
from 0 volts to BV
MECHANICAL DATA
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.34 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000
µs
waveform (Note 1, Figure 1)
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm)
Peak Forward Surge Current on 10/1000
µs
Waveform (Fig. 3, Note 1)
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 2
UPDATE : MARCH 18, 2002
PPPM
Minimum 500
Watts
IFSM
See Table 1.
Amps.
PD
1.0
Watts
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)


Similar Part No. - SAC30

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SAC30 WEITRON-SAC30 Datasheet
101Kb / 3P
Low Capacitance Tranient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SAC30 TSC-SAC30 Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
SAC30 TAITRON-SAC30 Datasheet
136Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
logo
Vishay Siliconix
SAC30 VISHAY-SAC30 Datasheet
97Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
logo
MDE Semiconductor, Inc.
SAC30 MDE-SAC30 Datasheet
72Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SAC30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SACB SPSEMI-SACB Datasheet
523Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE5.0 - 50 Volts
SAC SPSEMI-SAC Datasheet
284Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC Datasheet
130Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE- 5.0 TO 50 Volts 500 Watt Peak Pulse Power
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
Low Capacitance Transient Voltage Suppressor
logo
StarHope
TVS-SAC SPSEMI-TVS-SAC Datasheet
282Kb / 4P
Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
TVS-SACB SPSEMI-TVS-SACB Datasheet
105Kb / 4P
Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com