| Electronic Components Datasheet Search |
|
CS1G-CPU44H Datasheet(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CS1G-CPU44H Datasheet(HTML) 13 Page - Omron Electronics LLC |
|
13 / 27 page ![]() CPU Overview Programmable Controller CS1 C--23 Maintenance and Management J A Wide Range of Special Functions Cycle Time Functions Application Solutions Shorter cycle time Reducing the cycle time. • Place tasks that are not being executed on standby. • Create subroutines for portions of tasks executed only under special conditions. • Disable cyclic refreshing for Special I/O Modules when not required each cycle. Eliminating deviations in I/O response time. • Set the cycle time to a fixed time. Set fixed time. Stopping operation for long cycle times. Over time Operation stopped. • Use the cycle time monitoring function to stop operation when the cycle time is too long. Reducing I/O response time for specific I/O. Interrupt input Interrupt task High- speed I/O • Use an I/O interrupt task to execute an interrupt program when a specific input turns ON and then directly refresh external I/O when the appropriate instruction is executed in the interrupt program. External I/O can be directly refreshed, either by using immediate refreshing for instruction operands or by using the IORF instruction to refresh all or a specified portion of external I/O. Inputting signals (e.g., from photomicrosensors) that are shorter than the cycle time. Cycle time Input pulse Detected • Use the high-speed pulse input function of the C200H High-Density I/O Modules (C200H Special I/O Modules). These Modules can detect 1-ms or 4-ms pulses (except C200H-OD501/OD215,) • Use the IORF instruction to refresh inputs during program execution to further increase processing speed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |