Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB905F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB905F
Description  Supports DVI-I and LVDS( 24-bit dual channel)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB905F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB905F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-13
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Dimensions Drawing
Features
● Supports 3rd Generation Intel® CoreTM i7/i5/i3 /
Celeron® processors, up to 2.6GHz
● 1x DDR3 SO-DIMM, Max. 8GB
● Supports DVI-I and LVDS( 24-bit dual channel)
● Dual Gigabit LAN
● Watchdog timer
● 6x USB 2.0, 2x USB 3.0, 2x COM, 2x SATA III
SATA III
DVI-I
RJ-45
LVDS
DC In
(12V)
COM Port
Digital I/O
DDR3 SO-DIMM
Socket
LCD Backlight
USB(3.0)
USB(2.0)
USB (2.0)
Mini PCI-E
Audio
System
CPU
rPGA988B for 3rd Generation Intel® Core
TM i7/
i5/i3/Celeron
® processors, up to 2.6GHz
System Memory
1x DDR3 SO-DIMM, Max. 8GB (Non-ECC)
System Chipset
Intel® QM67 PCH
BIOS
AMI BIOS
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
1x Mini PCI-E - w/ USB signal (half-size)
Graphics
VGA Controller
Intel® CoreTM i7/i5/i3/Celeron® processor
integrated graphics Gen 5.75
VGA Memory
Max. shared memory – 1024MB
Display Interface
Supports VGA , DVI and 24-bit dual channel
LVDS
LAN
Controller
Intel® 82579V Gigabit LAN PHY
Intel® 82583V PCI-E Gigabit LAN
Connector
2x RJ-45 on board
Multi I/O
I/O Chipset
Fintek F81865-I
1x RS232, 1x RS-232/422/485, 2x SATA III
USB
2 ports USB 3.0 on board
2 ports USB 2.0 on board
4 ports USB 2.0 via pin header
Audio
Intel® QM67 built-in HD audio controller
w/ Realtek ALC662 Codec for 5.1 CH
Others
Digital I/O, +12V DC In, 1x smart battery
Mechanical and Environmental
Dimensions
102mm x 147mm (4” x 5.8”)
Max. Power
Requirement
Intel® Core™ i72710QE @ 2.10GHz
w/ Transcend DDR3 2GB/1333
+12V : 3.79A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-40°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
IB905F
rPGA988B for Intel® 2nd Generation Core™
i7/i5/i3 & Celeron® 3.5-inch Disk Size SBC w/
DVI-I(CRT+DVI)+24-bit LVDS & Dual GbE LAN
IB63
Cable kit for IB905F, w/ SATA + Power cable,
COM, USB, audio, power cable
HSIB905-PGA
Heatsink w/ fan for IB905
3rd Generation Intel® Core™ i7/i5/i3/Celeron® 3.5" Disk-Size SBC w/
Intel® QM67 PCH
IB905
2
USB(3.0)
2
COM
2
SATA II
2
Gbe LAN
6
USB(2.0)
3.5" Disk-Size SBC


Similar Part No. - IB905F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB906 ETC2-IB906 Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB906-1G ETC2-IB906-1G Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
More results

Similar Description - IB905F

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-T061 AAEON-PER-T061 Datasheet
182Kb / 1P
Support 24-bit Dual-channel LVDS
logo
List of Unclassifed Man...
MB950 ETC2-MB950 Datasheet
707Kb / 1P
Supports dual independent display; DVI-D/ VGA
MI910 ETC2-MI910 Datasheet
1Mb / 2P
Supports CRT, LVDS, optional DVI
MI956 ETC2-MI956 Datasheet
745Kb / 1P
Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
IB884T ETC2-IB884T Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB930 ETC2-IB930 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
IB970 ETC2-IB970 Datasheet
832Kb / 2P
24-bit dual channel LVDS (IB970RF / IB970F)
logo
AAEON Technology
EPIC-BT07 AAEON-EPIC-BT07 Datasheet
342Kb / 2P
lvds 24-bit dual channel
logo
Vecow Co., Ltd.
ARS-2010 VECOW-ARS-2010 Datasheet
431Kb / 2P
Supports DVI-I and DVI-D dual HD displays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com