Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF55 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SF55
Description  SUPER FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SF55 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SF55 Datasheet HTML 1Page - EIC discrete Semiconductors SF55 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF51 - SF59
SUPER FAST RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 5.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Super fast recovery time
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.21 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL SF51
SF52
SF53
SF54
SF55
SF56
SF57
SF58
SF59 UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
800
1000
Volts
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
IF(AV)
5.0
Amps.
Peak Forward Surge Current,
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
135
Amps.
Maximum Peak Forward Voltage at IF = 5.0 A.
VF
0.95
1.4
1.7
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
UPDATE : APRIL 23, 1998
RATING
DO-201AD
0.21 (5.33)
0.19 (4.82)
0.375 (9.52)
0.285 (7.24)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - SF55

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF55 MOSPEC-SF55 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF55 WTE-SF55 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF55 RECTRON-SF55 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF55 BYTES-SF55 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF55 DCCOM-SF55 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results

Similar Description - SF55

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
SF21 EIC-SF21 Datasheet
48Kb / 2P
SUPER FAST RECTIFIER DIODES
SF31 EIC-SF31 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
SFO1 EIC-SFO1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT1 SYNSEMI-SFT1 Datasheet
34Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
SFT1 EIC-SFT1_05 Datasheet
39Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SF21G SUNMATE-SF21G Datasheet
285Kb / 2P
SUPER FAST RECTIFIER DIODES
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
SUPER FAST RECTIFIER DIODES
31GF2 SUNMATE-31GF2 Datasheet
428Kb / 2P
SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com