Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB836F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB836F
Description  Onboard Intel짰 Atom??Processor N270, 1.6GHz 533MHz FSB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB836F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB836F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Network Appliances
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
30
Intel® Atom™ N270 5.25" Disk-Size SBC w/
Intel® 945GSE Chipset
Mini PCI
Power
RJ-45
COM2
Console USB
DDR2 SO-DIMM
CF Socket
SATA
SATA
KB/Mouse
Features
● Onboard Intel® Atom™ Processor N270, 1.6GHz,
533MHz FSB
● 1x DDR2 SO-DIMM, Max. 2GB
● 4x Gigabit LAN, optional LAN Bypass
● Intel® 945GSE VGA for CRT
● 2x SATA, 4x USB 2.0, 2x COM
● 1x CF socket, 1x Mini PCI slot
System
CPU
Intel® Atom™ Processor N270, 1.6GHz
System Memory
1x DDR2 DIMM 400/533MHz, Max. 2GB
System Chipset
Intel® 945GSE + ICH7M, 533MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
CF socket
H/W Monitor
Yes
Expansion Slots
1x Mini PCI
Graphics
VGA Controller
Intel® 945GSE integrated
VGA Memory
Shared memory – Max. 64MB
Display Interface
N/A
LAN
Controller
4x Realtek8111C GbE
Bypass
LAN 1/2
Connector
4x RJ-45 on board
Multi I/O
I/O Chipset
ICH7M, Winbond W83627EHG
1x KB, 1x mouse, 2x RS-232, 2x SATA
USB
2 ports on board (USB 2.0)
Audio
Onboard buzzer only
Others
1x DC-In power connector
Mechanical and Environmental
Dimensions
203mm x 146mm (8“ x 5.75“)
Max. Power
Requirement
Intel® Atom™1.6GHz
w/ 1GB DDR2-667
+12V: 1.38A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MB836
Intel® Atom™ N270 945GSE 5.25-inch SBC w/
GbE LAN, w/o Bypass function
MB836F
Intel® Atom™ N270 945GSE 5.25-inch SBC w/
GbE LAN, w/ Bypass function
MB836
4
USB
2
COM
2
SATA II
4
GbE LAN
Network Motherboards


Similar Part No. - MB836F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB83101BAN MURATA-MB83101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB83101BBN MURATA-MB83101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB83101CAN MURATA-MB83101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB83101CBN MURATA-MB83101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB83101DAN MURATA-MB83101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB836F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461A2 ADVANTECH-SOM-4461A2 Datasheet
1Mb / 4P
Intel짰 Atom??Processor N270 ETX CPU Module
SOM-5761 ADVANTECH-SOM-5761_11 Datasheet
1Mb / 3P
Intel짰 Atom??Processor N270 COM-Express Basic Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N270 COM-Express Compact Module
logo
AAEON Technology
EPIC-9457W1 AAEON-EPIC-9457W1 Datasheet
403Kb / 1P
EPIC Board with Onboard Intel Atom N270 Processor
ETX-945GSE AAEON-ETX-945GSE Datasheet
294Kb / 2P
ETX CPU Module with Onboard Intel Atom N270 Processor
PFM-945C AAEON-PFM-945C Datasheet
269Kb / 2P
PC/104 Module With Onboard Intel Atom N270 Processor
TKS-G21-9455B AAEON-TKS-G21-9455B Datasheet
550Kb / 2P
Intel짰 Atom??N270 Processor With 1.6 GHz
EMB-9459T AAEON-EMB-9459T Datasheet
259Kb / 2P
Embedded Motherboard with Onboard Intel Atom N270 Processor
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
3.5??SubCompact Board With Onboard Intel Atom N270 Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com