Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADJ Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # ADJ
Description  1-pole/2-pole 16A polarized power relays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ADJ Datasheet(HTML) 3 Page - Panasonic Battery Group

  ADJ Datasheet HTML 1Page - Panasonic Battery Group ADJ Datasheet HTML 2Page - Panasonic Battery Group ADJ Datasheet HTML 3Page - Panasonic Battery Group ADJ Datasheet HTML 4Page - Panasonic Battery Group ADJ Datasheet HTML 5Page - Panasonic Battery Group ADJ Datasheet HTML 6Page - Panasonic Battery Group ADJ Datasheet HTML 7Page - Panasonic Battery Group ADJ Datasheet HTML 8Page - Panasonic Battery Group ADJ Datasheet HTML 9Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DJ (ADJ)
ASCTB176E 201202-T
2) Sealed type
Standard packing: Carton: 100 pcs.; Case: 500 pcs.
2. With a test button
Flux-resistant type
Standard packing: Carton: 100 pcs.; Case: 500 pcs.
Contact arrangement
Nominal coil voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
1 Form C
5V DC
ADJ16005
ADJ12005
ADJ14005
6V DC
ADJ16006
ADJ12006
ADJ14006
12V DC
ADJ16012
ADJ12012
ADJ14012
24V DC
ADJ16024
ADJ12024
ADJ14024
48V DC
ADJ16048
ADJ12048
ADJ14048
1 Form A
5V DC
ADJ26005
ADJ22005
ADJ24005
6V DC
ADJ26006
ADJ22006
ADJ24006
12V DC
ADJ26012
ADJ22012
ADJ24012
24V DC
ADJ26024
ADJ22024
ADJ24024
48V DC
ADJ26048
ADJ22048
ADJ24048
1 Form B
5V DC
ADJ36005
Please use 1 Form A.
Please use 1 Form A.
6V DC
ADJ36006
12V DC
ADJ36012
24V DC
ADJ36024
48V DC
ADJ36048
1 Form A 1 Form B
5V DC
ADJ46005
ADJ42005
ADJ44005
6V DC
ADJ46006
ADJ42006
ADJ44006
12V DC
ADJ46012
ADJ42012
ADJ44012
24V DC
ADJ46024
ADJ42024
ADJ44024
48V DC
ADJ46048
ADJ42048
ADJ44048
2 Form C
5V DC
ADJ56005
ADJ52005
ADJ54005
6V DC
ADJ56006
ADJ52006
ADJ54006
12V DC
ADJ56012
ADJ52012
ADJ54012
24V DC
ADJ56024
ADJ52024
ADJ54024
48V DC
ADJ56048
ADJ52048
ADJ54048
2 Form A
5V DC
ADJ66005
ADJ62005
ADJ64005
6V DC
ADJ66006
ADJ62006
ADJ64006
12V DC
ADJ66012
ADJ62012
ADJ64012
24V DC
ADJ66024
ADJ62024
ADJ64024
48V DC
ADJ66048
ADJ62048
ADJ64048
2 Form B
5V DC
ADJ76005
Please use 2 Form A.
Please use 2 Form A.
6V DC
ADJ76006
12V DC
ADJ76012
24V DC
ADJ76024
48V DC
ADJ76048
Contact arrangement
Nominal coil voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
1 Form C
5V DC
ADJ15105
ADJ11105
ADJ13105
6V DC
ADJ15106
ADJ11106
ADJ13106
12V DC
ADJ15112
ADJ11112
ADJ13112
24V DC
ADJ15124
ADJ11124
ADJ13124
48V DC
ADJ15148
ADJ11148
ADJ13148
1 Form A
5V DC
ADJ25105
ADJ21105
ADJ23105
6V DC
ADJ25106
ADJ21106
ADJ23106
12V DC
ADJ25112
ADJ21112
ADJ23112
24V DC
ADJ25124
ADJ21124
ADJ23124
48V DC
ADJ25148
ADJ21148
ADJ23148
1 Form B
5V DC
ADJ35105
Please use 1 Form A.
Please use 1 Form A.
6V DC
ADJ35106
12V DC
ADJ35112
24V DC
ADJ35124
48V DC
ADJ35148



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com