Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ50C Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SMBJ50C
Description  BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMBJ50C Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SMBJ50C Datasheet HTML 1Page - EIC discrete Semiconductors SMBJ50C Datasheet HTML 2Page - EIC discrete Semiconductors SMBJ50C Datasheet HTML 3Page - EIC discrete Semiconductors SMBJ50C Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at Ta = 25
?C ambient temperature unless otherwise specified
Reverse
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
Stand-off
Reverse
Peak Pulse
Clamping
( Note 1 )
Voltage
Leakage
Surge Current
Voltage @ IPPM
@ VWM
(See Fig. 3)
VBR (V)
IT
VWM
ID
IPPM
VC
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
SMBJ5.0C
606I
6.40
7.55
10
5.0
1600
62.5
9.6
SMBJ5.0CA
656I
6.40
7.25
10
5.0
1600
65.2
9.2
SMBJ6.0C
607C
6.67
8.45
10
6.0
1600
52.6
11.4
SMBJ6.0CA
657C
6.67
7.67
10
6.0
1600
58.3
10.3
SMBJ6.5C
607I
7.22
9.14
10
6.5
1000
48.7
12.3
SMBJ6.5CA
657I
7.22
8.30
10
6.5
1000
53.6
11.2
SMBJ7.0C
608E
7.78
9.86
10
7.0
400
45.1
13.3
SMBJ7.0CA
658E
7.78
8.95
10
7.0
400
50.0
12.0
SMBJ7.5C
609A
8.33
10.67
1.0
7.5
200
42.0
14.3
SMBJ7.5CA
659A
8.33
9.58
1.0
7.5
200
46.5
12.9
SMBJ8.0C
609G
8.89
11.3
1.0
8.0
100
40.0
15.0
SMBJ8.0CA
659G
8.89
10.23
1.0
8.0
100
44.1
13.6
SMBJ8.5C
6010
9.44
11.92
1.0
8.5
20
37.7
15.9
SMBJ8.5CA
6510
9.44
10.82
1.0
8.5
20
41.7
14.4
SMBJ9.0C
6011
10.0
12.6
1.0
9.0
10
35.5
16.9
SMBJ9.0CA
6511
10.0
11.5
1.0
9.0
10
39.0
15.4
SMBJ10C
6012
11.1
14.1
1.0
10
5.0
31.9
18.8
SMBJ10CA
6512
11.1
12.8
1.0
10
5.0
35.3
17.0
SMBJ11C
6013
12.2
15.4
1.0
11
5.0
29.9
20.1
SMBJ11CA
6513
12.2
14.0
1.0
11
5.0
33.0
18.2
SMBJ12C
6014
13.3
16.9
1.0
12
5.0
27.3
22.0
SMBJ12CA
6514
13.3
15.3
1.0
12
5.0
30.2
19.9
SMBJ13C
6015
14.4
18.2
1.0
13
5.0
25.2
23.8
SMBJ13CA
6515
14.4
16.5
1.0
13
5.0
27.9
21.5
SMBJ14C
6017
15.6
19.8
1.0
14
5.0
23.3
25.8
SMBJ14CA
6517
15.6
17.9
1.0
14
5.0
25.8
23.2
SMBJ15C
6018
16.7
21.1
1.0
15
5.0
22.3
26.9
SMBJ15CA
6518
16.7
19.2
1.0
15
5.0
24.0
24.4
SMBJ16C
6019
17.8
22.6
1.0
16
5.0
20.8
28.8
SMBJ16CA
6519
17.8
20.5
1.0
16
5.0
23.1
26.0
SMBJ17C
6020
18.9
23.9
1.0
17
5.0
19.7
30.5
SMBJ17CA
6520
18.9
21.7
1.0
17
5.0
21.7
27.6
SMBJ18C
6022
20.0
25.3
1.0
18
5.0
18.6
32.2
SMBJ18CA
6522
20.0
23.3
1.0
18
5.0
20.5
29.2
SMBJ20C
6024
22.2
28.1
1.0
20
5.0
16.7
35.8
SMBJ20CA
6524
22.2
25.5
1.0
20
5.0
18.5
32.4
SMBJ22C
6026
24.4
30.9
1.0
22
5.0
15.2
39.4
SMBJ22CA
6526
24.4
28.0
1.0
22
5.0
16.9
35.5
SMBJ24C
6029
26.7
33.8
1.0
24
5.0
14.0
43.0
SMBJ24CA
6529
26.7
30.7
1.0
24
5.0
15.4
38.9
SMBJ26C
6031
28.9
36.6
1.0
26
5.0
12.4
46.6
SMBJ26CA
6531
28.9
33.2
1.0
26
5.0
14.2
42.1
SMBJ28C
6033
31.1
39.4
1.0
28
5.0
12.0
50.0
SMBJ28CA
6533
31.1
35.8
1.0
28
5.0
13.2
45.4
SMBJ30C
6036
33.3
42.2
1.0
30
5.0
11.2
53.5
SMBJ30CA
6536
33.1
38.3
1.0
30
5.0
12.4
46.6
TYPE
Marking Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com