Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAS Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # RAS
Description  Tablette en porte-a-faux pour montage sur deux montants
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RAS Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  RAS Datasheet HTML 1Page - Hammond Manufacturing Ltd. RAS Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RA SV 190720BK1
RA SU190720BK1
4U
7.00
19.00 20.00
Up (Back
Only)
200
Tested to nearly double the suggested load rating.
23 Inch Mounting Shelves
Part No.
Part No.
Mounting Dimensions
Stiffener
Lip(s)
Suggested
Vented
Solid
Rack
Units Height Width Depth
Folded
Load
Capacity
RA SV 230515BK1 RA SU230515BK1
3U
5.25
23.00 15.00
Up (Back
Only)
200
RA SV 230520BK1 RA SU230520BK1
3U
5.25
23.00 20.00
Up (Back
Only)
200
Tested to nearly double the suggested load rating.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com