Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM285LP-2-5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM285LP-2-5
Description  MICROPOWER VOLTAGE REFERENCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM285LP-2-5 Datasheet(HTML) 2 Page - Texas Instruments

  LM285LP-2-5 Datasheet HTML 1Page - Texas Instruments LM285LP-2-5 Datasheet HTML 2Page - Texas Instruments LM285LP-2-5 Datasheet HTML 3Page - Texas Instruments LM285LP-2-5 Datasheet HTML 4Page - Texas Instruments LM285LP-2-5 Datasheet HTML 5Page - Texas Instruments LM285LP-2-5 Datasheet HTML 6Page - Texas Instruments LM285LP-2-5 Datasheet HTML 7Page - Texas Instruments LM285LP-2-5 Datasheet HTML 8Page - Texas Instruments LM285LP-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM2852.5, LM3852.5, LM385B2.5
MICROPOWER VOLTAGE REFERENCES
SLVS023J − JANUARY 1989 − REVISED MARCH 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The design makes these devices exceptionally tolerant of capacitive loading and, thus, easier to use in most
reference applications. The wide dynamic operating temperature range accommodates varying current
supplies, with excellent regulation.
The extremely low power drain of this series makes them useful for micropower circuitry. These voltage
references can be used to make portable meters, regulators, or general-purpose analog circuitry, with battery
life approaching shelf life. The wide operating current range allows them to replace older references with
tighter-tolerance parts.
symbol
ANODE
CATHODE
schematic
Q3
Q1
Q4
Q7
Q2
Q5
20 pF
20 pF
Q6
Q8
Q12
Q11
Q13
Q10
Q9
Q14
CATHODE
ANODE
500
Ω
500
Ω
300 k
Ω
200 k
Ω
50 k
Ω
500
Ω
60 k
Ω
100 k
Ω
600 k
Ω
7.5 k
Ω
NOTE A: All component values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com