Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWCC0006 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0006
Description  GaAs SP6T Switch, Absorptive, Single Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0006 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0006 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0006 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs SP6T Switch, Absorptive, Single Supply
DC - 4.0 GHz
Rev. V4
MASWCC0006
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Operates DC - 4 GHz on Single Supply
• ASIC TTL / CMOS Driver
• Leadless 4 x 7 mm Chip Scale Plastic Package
• Low DC Power Consumption
• 50 Ohm Nominal Impedance
• Test Boards are Available
• Tape and Reel are Available
• Lead-Free CSP-2 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW90-0004A
Description
M/A-COM's MASWCC0006 is a SP6T absorptive
pHEMT switch with integral TTL driver. This device
is in an MLP plastic surface mount package. This
switch offers excellent broadband performance and
repeatability from DC to 4 GHz, while maintaining
low DC power dissipation. The MASWCC0006 is
ideally suited for wireless infrastructure applications.
Ordering Information
Part Number
Package
MASWCC0006
Bulk Packaging
MASWCC0006TR
1000 piece reel
MASWCC0006-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Pin Configuration
1,2,3,4
Pin No.
Function
Pin No.
Function
1
CP2
19
GND
2
VEE
20
NC
3
NC
21
GND
4
C6
22
RFC
5
C5
23
GND
6
C4
24
GND
7
C3
25
RF4
8
C2
26
GND
9
C1
27
RF5
10
NC
28
GND
11
GND
29
RF6
12
NC
30
GND
13
GND
31
NC
14
RF1
32
VEE
15
GND
33
Vcc
16
RF2
34
NC
17
GND
35
Vcc
18
RF3
36
CP1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1.
NC = No Connection
2.
For single supply operation VEE is internally generated
and must remain isolated from external power supplies.
Generated noise is typical of switching DC-DC Converters.
3.
Connections and external components shown in functional
schematic are required. 0.1µF Capacitors need to be lo-
cated near pins 32 & 33.
4.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For MLF Packages)


Similar Part No. - MASWCC0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWCC0006 MACOM-MASWCC0006 Datasheet
257Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
768Kb / 6P
GaAs SP6T Switch, Absorptive, Single Supply
logo
Tyco Electronics
MASWCC0006-TB MACOM-MASWCC0006-TB Datasheet
257Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWCC0006-TB MA-COM-MASWCC0006-TB Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
More results

Similar Description - MASWCC0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0004 MACOM-SW90-0004 Datasheet
251Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
MASWCC0006 MACOM-MASWCC0006 Datasheet
257Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A MACOM-SW90-0004A_1 Datasheet
656Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply
logo
M/A-COM Technology Solu...
SW90-0004A MA-COM-SW90-0004A Datasheet
154Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply
MASWCC0006 MA-COM-MASWCC0006_15 Datasheet
768Kb / 6P
GaAs SP6T Switch, Absorptive, Single Supply
MASWCC0010 MA-COM-MASWCC0010_15 Datasheet
714Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com