Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0129 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0129
Description  GaAs Broadband DPDT Diversity Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0129 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0129 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0129 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0129 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0129 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
Rev. V6
MASWSS0129
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω, Vc = 0 V / 3 V, 8 pF Capacitor
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4
2.4 GHz
2 - 4 GHz
4 - 5 GHz
4.9 - 6 GHz
dB
dB
dB
dB
0.70
0.75
0.90
1.00
1.30
1.55
Isolation
(on/off or off/on)
2.4 GHz
4.9 - 6 GHz
dB
dB
25
43
30
Return Loss
2.4 GHz
4.9 - 6 GHz
dB
dB
23
15
IP2
Two Tone, 15 dBm/Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
93
86
84
IP3
Two Tone, 15 dBm/Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
52
50
50
Input P-1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
33
31
31
2
nd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBc
dBc
-75
-77
3
rd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBc
dBc
-69
-86
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
35
60
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
90
Transients
mV
6
Control Current
|Vc| = 3 V
µA
6
25
Isolation
(on/on or off/off)
2.4 GHz
4.9 - 6 GHz
dB
dB
11
20
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com