Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0179 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0179
Description  3 V GaAs SPDT Switch DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0179 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0179 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0179 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0179 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
3 V GaAs SPDT Switch
DC - 2.0 GHz
Rev. V3
MASWSS0179
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C, VC = 0 V / -3 V, Z0 = 50 Ω
5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1.0 GHz
1.0 - 2.0 GHz
dB
0.5
0.6
0.7
0.8
Isolation
DC - 1.0 GHz
1.0 - 2.0 GHz
dB
25
19
28
22
VSWR
DC - 2.0 GHz
Ratio
1.3:1
1 dB Compression
0.5 GHz, Input Power (3 V Control)
0.5 GHz, Input Power (5 V Control)
0.05 GHz, Input Power (3 V Control)
0.05 GHz, Input Power (5 V Control)
dBm
26
30
16
16
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
3
Input IP2
2-Tone, 5 MHz spacing, 3 V Control, +10 dBm each
0.05 GHz
0.5 GHz
dBm
69
80
Input IP3
2-Tone, 5 MHz spacing, 3 V Control, +10 dBm each
0.05 GHz
0.5 GHz
dBm
48
52
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
ns
5
Transients
In-Band
mV
15
Control Current
|VC| = 3 V
mA
1
10
5. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Lead-Free SOT-26
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
Control A
Control B
RFC to RF1 RFC to RF2
0
1
Off
On
1
0
On
Off
Truth Table 6,7,8
6. For positive voltage control, external DC blocking capacitors
are required on all RF ports.
7. 0 = -8 V to 0 V, 1 = 0 V to +8 V.
8. Differential voltage, V (state 1) - V (state 0), must be +2.8 V
minimum and must not exceed +8 V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com