Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX823LEUK Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MAX823LEUK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX823LEUK Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MAX823LEUK Datasheet HTML 3Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 4Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 5Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 6Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 7Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 8Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 9Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 10Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
MAX823/4/5
January 14, 2014
7
Revision 1.0
Electrical Characteristics (Continued)
(5)
VCC = 4.7V to 5.5V for MAX823/4/5L, VCC = 4.5V to 5.5V for MAX823/4/5M, VCC = 3.15V to 3.6V for MAX823/4/5T, VCC = 3.0V to 3.6V
for MAX823/4/5S, VCC = 2.7V to 3.6V for MAX823/4/5R, VCC = 2.38V to 2.75V for MAX823/4/5Z, VCC = 2.25V to 2.75V for
MAX823/4/5Y, VCC = 1.75V to 2.0V for MAX823/4/5W; TJ = +25˚C, bold values
(6) indicate –40˚C ≤ T
J ≤ +125˚C, unless otherwise noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Manual Reset Input (/MR)
Input Low Voltage (VIL)
0.3 × VCC
V
Input High Voltage (VIH)
0.7 × VCC
V
/MR Pulse Width
1.0
µs
/MR Noise Immunity (pulse
width with no reset)
100
ns
/MR to RESET Delay
500
ns
/MR Internal Pull-Up Resistor
35
52
75
k
Ω
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
5.
Specification for packaged product only.
6.
Overtemperature limits are guaranteed by design and not product tested.
7.
The /RESET short-circuit current is the maximum pull-up current when /RESET is driven low by µP bidirectional reset pin.
8.
The WDI input is designed to drive a three-state output device with a 10µA maximum leakage current and a maximum capacitance of 200pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com