Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2295BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2295BML
Description  High Power Density 1.2A Boost Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2295BML Datasheet HTML 1Page - Micrel Semiconductor MIC2295BML Datasheet HTML 2Page - Micrel Semiconductor MIC2295BML Datasheet HTML 3Page - Micrel Semiconductor MIC2295BML Datasheet HTML 4Page - Micrel Semiconductor MIC2295BML Datasheet HTML 5Page - Micrel Semiconductor MIC2295BML Datasheet HTML 6Page - Micrel Semiconductor MIC2295BML Datasheet HTML 7Page - Micrel Semiconductor MIC2295BML Datasheet HTML 8Page - Micrel Semiconductor MIC2295BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel
MIC2295
July 2004
M9999-052402
3
(408) 955-1690
Absolute Maximum Rating (Note 1)
Supply voltage (VIN) ……………………..…
12V
Switch voltage (VSW) ……………………
-0.3V to 34V
Enable pin voltage (VEN) …………..……..….
-0.3 to VIN
FB Voltage (VFB)……...………………………..…………6V
Switch Current (ISW) ………………………..…..…..
2.5A
Ambient Storage Temperature (TS) …. -65°C to +150°C
ESD Rating, Note 3...………………………… ……..2KV
Operating Range (Note 2)
Supply Voltage (VIN) …………………..……
2.5V to 10V
Junction Temperature Range (TJ) …… -40°C to +125°C
Package Thermal Impedance
JA 2x2 MLF-8L lead ……………………
93°C/W
JA ThinSOT23-5 lead
…………………… 256°C/W
Electrical Characteristics T
A=25
oC, VIN =VEN = 3.6V, VOUT = 15V, IOUT = 40mA, unless otherwise noted. Bold values
indicate -40°C TJ 125°C.
Parameter
Symb
ol
Condition
Min Typ
Max Unit
s
Supply Voltage Range
VIN
2.5
10
V
Under-Voltage Lockout
VUVLO
1.8
2.1
2.4
V
Quiescent Current
IVIN
VFB = 2V (not switching)
2.8
5
mA
Shutdown Current
ISD
VEN = 0V. Note 4.
0.1
1
mA
Feedback Voltage
(+/-1%)
1.22
7
1.24
1.252
VFB
(+/-2%) (Over Temp)
1.21
5
1.265
V
Feedback Input Current
IFB
VFB = 1.24V
-450
nA
Line Regulation
3V
VIN 5V
0.04
1
%
Load Regulation
5mA
IOUT
40mA
1.5
%
Maximum Duty Cycle
DMAX
85
90
%
Switch Current Limit
ISW
Note 5
1.2
1.7
A
Switch Saturation Voltage
VSW
ISW = 1.2A
600
mV
Switch Leakage Current
ISW
VEN = 0V, VSW = 10V
0.01
5
mA
Enable Threshold
VEN
TURN ON
TURN OFF
1.5
0.4
V
Enable Pin Current
IEN
VEN = 10V
20
40
mA
Oscillator Frequency
fSW
1.05
1.2
1.35
MHz
Output over-voltage
protection
VOVP
MIC2295BML only
30
32
34
V
150
°C
Over-Temperature
Threshold Shutdown
Tj
Hysteresis
10
°C
Note 1:
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not
apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ(Max), the junction-to-ambient thermal resistance, JA, and the ambient temperature, TA. The
maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Note 2:
This device is not guaranteed to operate beyond its specified operating rating.
Note 3:
IC devices are inherently ESD sensitive. Handling precautions required. Human body model rating: 1.5K in series with 100pF.
Note 4:
ISD = IVIN.
Note 5:
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com