Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2295YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2295YML
Description  High Power Density 1.2A Boost Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2295YML Datasheet HTML 1Page - Micrel Semiconductor MIC2295YML Datasheet HTML 2Page - Micrel Semiconductor MIC2295YML Datasheet HTML 3Page - Micrel Semiconductor MIC2295YML Datasheet HTML 4Page - Micrel Semiconductor MIC2295YML Datasheet HTML 5Page - Micrel Semiconductor MIC2295YML Datasheet HTML 6Page - Micrel Semiconductor MIC2295YML Datasheet HTML 7Page - Micrel Semiconductor MIC2295YML Datasheet HTML 8Page - Micrel Semiconductor MIC2295YML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel
MIC2295
July 2004
M9999-052402
4
(408) 955-1690
Typical Characteristics
MIC2295 SEPIC 5V Output
64
66
68
70
72
74
76
78
0
50
100
150
200
250
OUTPUT CURRENT (mA)
Vin=3V
Vin=3.5V
Vin=4V
Vin=5V
Vin=5.5V
5V MIC2295 SEPIC with one
coupled inductor
30
35
40
45
50
55
60
65
70
75
80
0
50
100
150
200
250
300
LOAD CURRENT (mA)
Vin=2.5
V
Vin=3.3
V
Vin=5V
Switch Voltage
vs. Supply Voltage
0
50
100
150
200
250
300
2.5
4.5
6.5
8.5
Input Voltage (V)
Max Duty Cycle vs Input Voltage
70
75
80
85
90
95
100
2.5
4
5.5
7
8.5
10
SUPPLY VOLTAGE (V)
Input Voltage
vs. Supply Voltage
0.5
0.7
0.9
1.1
1.3
1.5
2.5
4
5.5
7
8.5
10
SUPPLY VOLTAGE (V)
MIC2295 15V output Efficiency
60
65
70
75
80
85
90
0
50
100
150
200
OUTPUT CURRENT (mA)
Vin=3.3V
Vin=4V
Vin=4.2V
MIC2295 12V output Efficiency
60
65
70
75
80
85
90
0
50
100
150
200
OUTPUT CURRENT (mA)
Vin=3.3V
Vin=4.2V
Vin=3.6V
15V Short circuit
protected Boost
60
65
70
75
80
85
0
2040
6080
100
OUTPUT CURRENT (mA)
Vin=2.5
V
Vin=3V
11.8
11.85
11.9
11.95
12
12.05
12.1
12.15
12.2
0
25
50
75
100 125 150
LOAD (mA)
Load Regulation
V
IN
=
3.6V
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Current Limit
vs. Temperature
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Frequency
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com