Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5283YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5283YML
Description  Ultra-Low IQ, High-PSRR Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5283YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5283YML Datasheet HTML 1Page - Micrel Semiconductor MIC5283YML Datasheet HTML 2Page - Micrel Semiconductor MIC5283YML Datasheet HTML 3Page - Micrel Semiconductor MIC5283YML Datasheet HTML 4Page - Micrel Semiconductor MIC5283YML Datasheet HTML 5Page - Micrel Semiconductor MIC5283YML Datasheet HTML 6Page - Micrel Semiconductor MIC5283YML Datasheet HTML 7Page - Micrel Semiconductor MIC5283YML Datasheet HTML 8Page - Micrel Semiconductor MIC5283YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC5283
March 2012
4
M9999-030812-A
Absolute Maximum Ratings
(1)
VIN to GND................................................... –0.3V to +125V
VCPSRR to GND..................................................–0.3 to +14V
VFB, VSNS, VOUT to GND ................................... –0.3V to +6V
Lead Temperature (soldering, 10s).......................... +260°C
Junction Temperature .........................–40°C TJ +125°C
Storage Temperature .........................–65°C TA +150°C
ESD Ratings
(4)
HBM......................................................................... 2kV
MM.........................................................................200V
Operating Ratings
(2)
VIN ................................................................. +6V to +120V
VOUT Adjust Range ..................................... +1.22V to +5.5V
Junction Temperature ......................... –40°C TJ +125°C
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Thermal Resistance (
JA)
8-pin ePad SOIC ...............................................41°C/W
3mm x 3mm MLF
®-8..........................................60°C/W
Electrical Characteristics
(5)
VIN = 12V, CIN = 1.0µF, CPSRR = 0.1µF, COUT = 10µF, VOUT = 5.0V or 3.3V, IOUT = 100µA, TA = 25°C, bold values indicate –40°C  TJ
+125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range
6
120
V
Quiescent Supply Current
IOUT = 0
8
14
µA
Output Voltage
-3
+3
%
Output Voltage Accuracy
Variation from nominal VOUT
100µA ≤ IOUT ≤ 150mA
-5
+5
%
Line Regulation
(6)
10V ≤ VIN ≤ 120V
-0.5
0.04
+0.5
%/V
Feedback Input (Adjustable)
1.183
1.220
1.256
FB Voltage
100µA ≤ IOUT ≤ 150mA
1.159
1.220
1.281
V
FB Current
VFB = 1.22V
3.2
nA
Current Limit
Current Limit
VOUT = 0V
180
300
500
mA
Ripple Rejection
100Hz ≤ f ≤ 1kHz
70
dB
1kHz < f ≤ 30kHz
75
dB
Power Supply Rejection Ratio
IOUT = 50mA
30kHz < f ≤ 100kHz
65
dB
Power Dropout Voltage
Dropout Voltage
IOUT = 150mA
1.8
2.8
V
Thermal Protection
Thermal-Shutdown Temperature
TJ rising
155
C
Thermal-Shutdown Hysteresis
15
C
Notes:
1.
Exceeding an absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation results in excessive die temperature, and causes the regulator to enter thermal shutdown.
4.
Devices are ESD sensitive; use proper handling precautions.
5.
Specifications are for packaged products only.
6.
Line regulation is a percentage of VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com