Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2003C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2003C
Description  100MHz Video Line Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2003C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2003C Datasheet HTML 1Page - Elantec Semiconductor EL2003C Datasheet HTML 2Page - Elantec Semiconductor EL2003C Datasheet HTML 3Page - Elantec Semiconductor EL2003C Datasheet HTML 4Page - Elantec Semiconductor EL2003C Datasheet HTML 5Page - Elantec Semiconductor EL2003C Datasheet HTML 6Page - Elantec Semiconductor EL2003C Datasheet HTML 7Page - Elantec Semiconductor EL2003C Datasheet HTML 8Page - Elantec Semiconductor EL2003C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL2003C and EL2033C are general purpose monolithic unity
gain buffers featuring 100MHz, -3dB bandwidth and 4ns small signal
rise time. These buffers are capable of delivering a ±100mA current to
a resistive load and are oscillation free into capacitive loads. In addi-
tion, the EL2003C and EL2033C have internal output short circuit
current limiting which will protect the devices under both a DC fault
condition and AC operation with reactive loads. The extremely fast
slew rate of 1200V/µs, wide bandwidth, and high output drive make
the EL2003C and EL2033C ideal choices for closed loop buffer appli-
cations with wide band op amps. These same characteristics and
excellent DC performance make the EL2003C and EL2033C excellent
choices for open loop applications such as driving coaxial and twisted
pair cables.
The EL2003C and EL2033C are constructed using Elantec's propri-
etary dielectric isolation process that produces PNP and NPN
transistors with essentially identical AC and DC characteristics.
Connection Diagrams
EL2003CN
EL2033CN
EL2003CM
Features
• Differential gain 0.1%
• Differential phase 0.1°
• 100mA continuous output current
guaranteed
• Short circuit protected
• Wide bandwidth - 100MHz
• High slew rate - 1200V/µs
• High input impedance - 2M
Ω
• Low quiescent current drain
Applications
• Co-ax cable driver
• Flash converter driver
• Video DAC buffer
• Op amp booster
Ordering Information
Part No.
Package
Tape & Reel
Outline#
EL2003CN
8-Pin PDIP
MDP0031
EL2003CM
20-Lead SOL
MDP0027
EL2033CN
8-Pin PDIP
MDP0031
EL2003C, EL2033C
100MHz Video Line Driver


Similar Part No. - EL2003C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2003CM INTERSIL-EL2003CM Datasheet
371Kb / 12P
100MHz Video Line Driver
September 1998
EL2003CN INTERSIL-EL2003CN Datasheet
371Kb / 12P
100MHz Video Line Driver
September 1998
More results

Similar Description - EL2003C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
logo
Intersil Corporation
EL2003 INTERSIL-EL2003 Datasheet
371Kb / 12P
100MHz Video Line Driver
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com