Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45205 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC45205
Description  26V/6A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45205 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC45205 Datasheet HTML 9Page - Micrel Semiconductor MIC45205 Datasheet HTML 10Page - Micrel Semiconductor MIC45205 Datasheet HTML 11Page - Micrel Semiconductor MIC45205 Datasheet HTML 12Page - Micrel Semiconductor MIC45205 Datasheet HTML 13Page - Micrel Semiconductor MIC45205 Datasheet HTML 14Page - Micrel Semiconductor MIC45205 Datasheet HTML 15Page - Micrel Semiconductor MIC45205 Datasheet HTML 16Page - Micrel Semiconductor MIC45205 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Micrel, Inc.
MIC45205
Functional Description
The MIC45205 is an adaptive on-time synchronous buck
regulator module built for high-input voltage to low-output
voltage
conversion
applications.
The
MIC45205
is
designed to operate over a wide input voltage range,
from 4.5V to 26V, and the output is adjustable with an
external resistor divider. An adaptive on-time control
scheme is employed to obtain a constant switching
frequency in steady state and to simplify the control
compensation. Hiccup mode over-current protection is
implemented by sensing low-side MOSFET’s RDS(ON). The
device features internal soft-start, enable, UVLO, and
thermal shutdown. The module has integrated switching
FETs, inductor, bootstrap diode, resistor, and capacitor.
Theory of Operation
As shown in Figure 1 (in association with Equation 1), the
output voltage is sensed by the MIC45205 feedback pin
(FB) via the voltage divider RFB1 and RFB2 and compared
to a 0.8V reference voltage (VREF) at the error comparator
through a low-gain transconductance (gm) amplifier. If
the feedback voltage decreases, and the amplifier output
falls below 0.8V, then the error comparator will trigger the
control logic and generate an ON-time period. The ON-
time period length is predetermined by the “Fixed tON
Estimator” circuitry:
Figure 1. Output Voltage Sense via FB Pin
SW
IN
OUT
)
ESTIMATED
(
ON
f
V
V
t
×
=
Eq. 1
where VOUT is the output voltage, VIN is the power stage
input voltage, and fSW is the switching frequency.
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in most
cases. When the feedback voltage decreases and the
output of the gm amplifier falls below 0.8V, the ON-time
period is triggered and the OFF-time period ends. If the
OFF-time period determined by the feedback voltage is
less than the minimum OFF-time tOFF(MIN), which is about
200ns, the MIC45205 control logic will apply the tOFF(MIN)
instead. tOFF(MIN) is required to maintain enough energy in
the
boost
capacitor
(CBST) to drive the high-side
MOSFET.
The maximum duty cycle is obtained from the 200ns
tOFF(MIN):
S
S
)
MIN
(
OFF
S
MAX
t
ns
200
1
t
t
t
D
−
=
−
=
Eq. 2
Where:
tS = 1/fSW. It is not recommended to use MIC45205 with
an
OFF-time
close
to
tOFF(MIN) during steady-state
operation.
The adaptive ON-time control scheme results in a
constant switching frequency in the MIC45205 during
steady state operation. The actual ON-time and resulting
switching frequency will vary with the different rising and
falling times of the MOSFETs. Also, the minimum tON
results in a lower switching frequency in high VIN to VOUT
applications.
During
load
transients,
the
switching
frequency is changed due to the varying OFF-time.
To illustrate the control loop operation, we will analyze
both the steady-state and load transient scenarios. For
easy analysis, the gain of the gm amplifier is assumed to
be 1. With this assumption, the inverting input of the error
comparator is the same as the feedback voltage.
Figure 2 shows the MIC45205 control loop timing during
steady-state operation. During steady-state, the gm
amplifier senses the feedback voltage ripple, which is
proportional to the output voltage ripple plus injected
voltage ripple, to trigger the ON-time period. The ON-time
is predetermined by the tON estimator. The termination of
the OFF-time is controlled by the feedback voltage. At the
valley of the feedback voltage ripple, which occurs when
VFB falls below VREF, the OFF period ends and the next
ON-time period is triggered through the control logic
circuitry.
April 15, 2014
13
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com