Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2002CM Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2002CM
Description  Low Power, 180 MHz Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2002CM Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2002CM Datasheet HTML 3Page - Elantec Semiconductor EL2002CM Datasheet HTML 4Page - Elantec Semiconductor EL2002CM Datasheet HTML 5Page - Elantec Semiconductor EL2002CM Datasheet HTML 6Page - Elantec Semiconductor EL2002CM Datasheet HTML 7Page - Elantec Semiconductor EL2002CM Datasheet HTML 8Page - Elantec Semiconductor EL2002CM Datasheet HTML 9Page - Elantec Semiconductor EL2002CM Datasheet HTML 10Page - Elantec Semiconductor EL2002CM Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EL2002C
Low Power 180 MHz Buffer Amplifier
Burn-In Circuit
2002 – 10
Simplified Schematic
2002 – 11
Application Information
The EL2002 is a monolithic buffer amplifier built
on Elantec’s proprietary Complementary Bipolar
process that produces NPN and PNP transistors
with essentially identical DC and AC character-
istics The EL2002 takes full advantage of the
complementary process with a unique circuit
topology
Elantec has applied for two patents based on the
EL2002’s topology The patents relate to the base
drive and feedback mechanism in the buffer This
feedback makes 2000 V
ms slew rates with 100X
loads possible with very low supply current
Power Supplies
The EL2002 may be operated with single or split
supplies with total voltage difference between
10V (g5V) and 36V (g18V) It is not necessary
to use equal split value supplies For example
b
5V and a12V would be excellent for signals
from b2V to a9V
Bypass capacitors from each supply pin to
ground are highly recommended to reduce supply
ringing and the interference it can cause At a
minimum 1
mF tantalum capacitor with short
leads should be used for both supplies
Input Characteristics
The input to the EL2002 looks like a resistance in
parallel with about 35 pF in addition to a DC
bias current The DC bias current is due to the
miss-match in beta and collector current between
the NPN and PNP transistors connected to the
input pin The bias current can be either positive
or negative The change in input current with in-
put voltage (RIN) is affected by the output load
beta and the internal boost RIN can actually ap-
pear negative over portions of the input range
typical input current curves are shown in the
characteristic curves Internal clamp diodes from
the input to the output are provided These di-
odes protect the transistor base emitter junctions
and limit the boost current during slew to avoid
saturation of internal transistors The diodes be-
gin conduction at about g25V input to output
differential When that happens the input resist-
ance drops dramatically The diodes are rated at
50 mA When conducting they have a series re-
sistance of about 20
X There is also 100X in series
with the input that limits input current Above
g
75V differential input to output additional se-
ries resistance should be added
Source Impedance
The EL2002 has good input to output isolation
When the buffer is not used in a feedback loop
capacitive and resisitive sources up to 1 MHz
present no oscillation problems Care must be
used in board layout to minimize output to input
coupling CAUTION When using high source
impedances (RS l 100 kX) significant gain er-
rors can be observed due to output offset load
resistor and the action of the boost circuit See
typical performance curves
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com