Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2074CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2074CS
Description  400MHz GBWP Gain-of-2 Stable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2074CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2074CS Datasheet HTML 1Page - Elantec Semiconductor EL2074CS Datasheet HTML 2Page - Elantec Semiconductor EL2074CS Datasheet HTML 3Page - Elantec Semiconductor EL2074CS Datasheet HTML 4Page - Elantec Semiconductor EL2074CS Datasheet HTML 5Page - Elantec Semiconductor EL2074CS Datasheet HTML 6Page - Elantec Semiconductor EL2074CS Datasheet HTML 7Page - Elantec Semiconductor EL2074CS Datasheet HTML 8Page - Elantec Semiconductor EL2074CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
EL2074C
400MHz GBWP Gain-of-2 Stable Operational Amplifier
Absolute Maximum Ratings (T
A = 25°C)
Supply Voltage (VS)
±7V
Output Current Output is short-circuit protected to ground, however,
maximum reliability is obtained if IOUT does not exceed 70mA.
Common-Mode Input
±VS
Differential Input Voltage
5V
Thermal Resistance (PDIP)
θJA = 95°C/W
Thermal Resistance (SO)
θJA = 175°C/W
Operating Temperature
0°C to +75°C
Junction Temperature
175°C
Storage Temperature
-60°C to +150°C
Note: See EL2071/EL2171 for Thermal Impedance curves
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Open Loop DC Electrical Characteristics
VS = ±5V, RL = 100Ω, unless otherwise specified.
Parameter
Description
Test Conditions
Temp
Min
Typ
Max
Unit
VOS
Input Offset Voltage
VCM = 0V
25°C
0.2
1.5
mV
TMIN, TMAX
3
mV
TCVOS
Average Offset
Voltage Drift
[1]
All
8
µV/°C
IB
Input Bias Current
VCM = 0V
All
2
6
µA
IOS
Input Offset Current
VCM = 0V
25°C
0.1
1
µA
TMIN, TMAX
2
µA
PSRR
Power Supply Rejection Ratio
[2]
All
60
80
dB
CMRR
Common Mode Rejection Ratio
[3]
All
65
90
dB
IS
Supply Current - Quiescent
No Load
25°C
21
25
mA
TMIN, TMAX
25
mA
RIN (diff)
RIN (Differential)
Open-Loop
25°C
15
k
Ω
CIN (diff)
CIN (Differential)
Open-Loop
25°C
1
pF
RIN (cm)
RIN (Common-Mode)
25°C
1
M
Ω
CIN (cm)
CIN (Common-Mode)
25°C
1
pF
ROUT
Output Resistance
25°C
20
m
Ω
CMIR
Common-Mode Input
Range
25°C
±3
±3.5
V
TMIN, TMAX
±2.5
V
IOUT
Output Current
All
50
70
mA
VOUT
Output Voltage Swing
No Load
All
±3.5
±4
V
VOUT 100
Output Voltage Swing
100
Ω
All
±3
±3.6
V
VOUT 50
Output Voltage Swing
50
Ω
All
±2.5
±3.4
V
AVOL 100
Open-Loop Gain
100
Ω
25°C
500
1000
V/V
TMIN, TMAX
400
V/V
AVOL 50
Open-Loop Gain
50
Ω
25°C
400
800
V/V
TMIN, TMAX
300
V/V
eN@ > 1MHz
Noise Voltage 1MHz to 100MHz
25°C
2.3
nV/
√Hz
iN@ > 100kHz
Noise Current 100kHz to 100MHz
25°C
3.2
pA/
√Hz
1. Measured from TMIN, TMAX
2. ±VCC = ±4.5V to 5.5V
3. ±VIN = ±2.5V, VOUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com