Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADTSM3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADTSM3
Description  3.5 x 6mm TACT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADTSM3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADTSM3 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADTSM3 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADTSM3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
ADTS3 SERIES
3.5 x 6mm TACT SWITCH
MATERIALS
COVER:
BASE:
STEM:
DOME CONTACT:
TERMINALS:
Actuation Force:
Stoke:
OperatingTemperatureRange:
Storage Temperature Range:
Vibration resistance:
Shock resistance:
FEATURES
Sharp click feel with a positive tactile feedback.
Ultraminiature structure suitable for high density mounting. Economic but high reliability.
Insert molded contacts with special treatment prevents flux build-up during soldering and permits auto-dipping.
50,000 cycles for 160gf, 320gf.
30,000 cycles for 260gf, 520gf.
50 mA,12 VDC.
100 milliohms max.
100 megohms min. 500 VDC.
250 VAC /1 minute.
1 pole 1 throw.
0.25 + 0.2 mm
- 0.1 mm
-25ºC to + 70ºC
-30ºC to + 80ºC
MIL-STD-202FMETHOD201A.
Frequency: 10-55-10Hz/1minute.
Directions: X,Y,Z, three mutually perpendicular directions.
Time: 2 hours each direction.
High reliability.
MIL-STD-202FMETHOD213B.
CONDITIONA.
Gravity: 50G (peak value), 11 msec.
Direction and times: 6 sides and 3 times in each direction.
High reliability.
Stainless Steel.
UL94V-0 Nylon, High Temperature Thermoplastic.
Color: Black
UL94V-0 Nylon, High Temperature Thermoplastic.
Color: Brown(160gf), Red(260gf), Salmon(320gf),Yellow(520gf)
Stainless with silver cladding.
Brass with silver plated.
(Y)
(S)
(R)
(N)
GENERALSPECIFICATIONS
ELECTRICALS
Electrical life:
Rating:
Contact resistance:
Insulation resistance:
Dielectric Strength:
Contact Arrangement:
520 + 130gf Yellow
320 + 80gf Salmon
260 + 50gf Red
160 + 50gf Brown
MECHANICALS


Similar Part No. - ADTSM3

ManufacturerPart #DatasheetDescription
logo
APEM
ADTSM APEM-ADTSM Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
ADTSM21V APEM-ADTSM21V Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
ADTSM21VB APEM-ADTSM21VB Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
ADTSM22V APEM-ADTSM22V Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
ADTSM22VB APEM-ADTSM22VB Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
More results

Similar Description - ADTSM3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL1105 ETC2-TL1105 Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
TACT SWITCHES SMT - 6mm x 6mm
TL1105 E-SWITCH-TL1105 Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL3303 E-SWITCH-TL3303 Datasheet
118Kb / 1P
TACT SWITCHES SMT - 6mm x 6mm
logo
Tyco Electronics
FSM4JH MACOM-FSM4JH Datasheet
239Kb / 1P
6MM TACT SWITCH, THRU-HOLE HIGH TEMP
logo
E-SWITCH
TL1105AF160Q E-SWITCH-TL1105AF160Q Datasheet
240Kb / 3P
SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
TL1105DF250Q E-SWITCH-TL1105DF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL1105WF250Q E-SWITCH-TL1105WF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL1105SF250Q E-SWITCH-TL1105SF250Q Datasheet
1Mb / 4P
TACT SWITCHES - 6mm x 6mm
logo
TE Connectivity Ltd
1825910 TEC-1825910_V01 Datasheet
326Kb / 2P
6MM TACT SWITCH, THRU-HOLE HIGH TEMP
Rev. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com