Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2120CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2120CS
Description  100 MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2120CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2120CS Datasheet HTML 1Page - Elantec Semiconductor EL2120CS Datasheet HTML 2Page - Elantec Semiconductor EL2120CS Datasheet HTML 3Page - Elantec Semiconductor EL2120CS Datasheet HTML 4Page - Elantec Semiconductor EL2120CS Datasheet HTML 5Page - Elantec Semiconductor EL2120CS Datasheet HTML 6Page - Elantec Semiconductor EL2120CS Datasheet HTML 7Page - Elantec Semiconductor EL2120CS Datasheet HTML 8Page - Elantec Semiconductor EL2120CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL2120C
100 MHz Current Feedback Amplifier
Open Loop DC Electrical Characteristics
Contd
VS e g5V RL e 150X TA e 25 C unless otherwise specified
Parameter
Description
Temp
Min
Typ
Max
Test
Units
Level
VIN
a
VIN Range
Full
g
30
g
35
II
V
VO
Output Voltage Swing
Full
g
30
g
35
II
V
ISC
Output Short-Circuit
25 C
100
II
mA
Current
IODIS
Output Current Disabled
Full
5
50
II
mA
VDISON
Disable Pin Voltage for
Full
(Va) b 1II
V
Output Enabled
VDISOFF
Disable Pin Voltage for
Full
(Va) b 4II
V
Output Disabled
IDISON
Disable Pin Current for
Full
5
II
mA
Output Enabled
IDISOFF
Disable Pin Current for
Full
10
II
mA
Output Disabled
IS
Supply Current (VS e g15V)
Full
17
20
II
mA
Note 1 The input is moved from b3V to a3V
Note 2 The supplies are moved from g5V to g15V
Closed Loop AC Electrical Characteristics
VS e g15V AV ea2(RF e RG e 270X) RL e 150X CL e 7 pF CINb e 2 pF TA e 25 C
Parameter
Description
Min
Typ
Max
Test
Units
Level
SR
Slew Rate VOUT from b3V to a3V
Measured at b2V and a2V
VS e g15V
750
V
V
ms
VS e g5V
550
V
V
ms
tS
Settling Time to 025% of a
0to a10V Swing AV ea1 with
RF e 270X RG e % and RL e 400X
50
V
ns
BW
Bandwidth
b
3 dB
95
V
MHz
g
1 dB
50
V
MHz
g
01 dB
16
V
MHz
BW 25V
Bandwidth at
b
3 dB
75
V
MHz
VS e g25V
g
1 dB
35
V
MHz
g
01 dB
11
V
MHz
Peaking
05
V
dB
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com