Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8601L1-V Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS8601L1-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8601L1-V Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS8601L1-V Datasheet HTML 4Page - California Eastern Labs PS8601L1-V Datasheet HTML 5Page - California Eastern Labs PS8601L1-V Datasheet HTML 6Page - California Eastern Labs PS8601L1-V Datasheet HTML 7Page - California Eastern Labs PS8601L1-V Datasheet HTML 8Page - California Eastern Labs PS8601L1-V Datasheet HTML 9Page - California Eastern Labs PS8601L1-V Datasheet HTML 10Page - California Eastern Labs PS8601L1-V Datasheet HTML 11Page - California Eastern Labs PS8601L1-V Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PS8601,PS8601L
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
Parameter
Symbol
Speck
Unit
Application classification (DIN VDE 0109)
for rated line voltages
≤ 300 Vr.m.s.
for rated line voltages
≤ 600 Vr.m.s.
IV
III
Climatic test class (DIN IEC 68 Teil 1/09.80)
55/100/21
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random test)
Upr = 1.2 × UIORM, Pd < 5 pC
UIORM
Upr
890
1 068
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for all devices test)
Upr = 1.6 × UIORM, Pd < 5 pC
Upr
1 424
Vpeak
Highest permissible overvoltage
UTR
8 000
Vpeak
Degree of pollution (DIN VDE 0109)
2
Clearance distance
> 7.0
mm
Creepage distance
> 7.0
mm
Comparative tracking index (DIN IEC 112/VDE 0303 part 1)
CTI
175
Material group (DIN VDE 0109)
III a
Storage temperature range
Tstg
–55 to +150
°C
Operating temperature range
TA
–55 to +100
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25 °C
VIO = 500 V dc at TA MAX. at least 100 °C
Ris MIN.
Ris MIN.
10
12
10
11
Ω
Ω
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = 175 °C (Tsi)
Tsi
Isi
Psi
Ris MIN.
175
400
700
10
9
°C
mA
mW
Ω
Data Sheet PN10262EJ01V0DS
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com