Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2180CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2180CS
Description  250MHz / 3mA Current Mode Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2180CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2180CS Datasheet HTML 4Page - Elantec Semiconductor EL2180CS Datasheet HTML 5Page - Elantec Semiconductor EL2180CS Datasheet HTML 6Page - Elantec Semiconductor EL2180CS Datasheet HTML 7Page - Elantec Semiconductor EL2180CS Datasheet HTML 8Page - Elantec Semiconductor EL2180CS Datasheet HTML 9Page - Elantec Semiconductor EL2180CS Datasheet HTML 10Page - Elantec Semiconductor EL2180CS Datasheet HTML 11Page - Elantec Semiconductor EL2180CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
EL2180C/EL2280C/EL2480C-Preliminary
250MHz / 3mA Current Mode Feedback Amplifiers
Typical Performance Curves
Differential Gain and
Phase vs DC Input
Voltage at 3.58 MHz
Differential Gain and
Phase vs DC Input
Voltage at 3.58 MHz
Settling Time vs
Settling Accuracy
Small-Signal Step Response
Large-Signal Step Response
5-Lead Plastic SOT23
Maximum Power Dissipation
vs Ambient Temperature
8-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
8-Lead SO
Maximum Power Dissipation
vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com